Electronic Components Datasheet Search
  English  ▼

X  

CLC5612 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC5612 Datasheet HTML 10Page - National Semiconductor (TI) CLC5612 Datasheet HTML 11Page - National Semiconductor (TI) CLC5612 Datasheet HTML 12Page - National Semiconductor (TI) CLC5612 Datasheet HTML 13Page - National Semiconductor (TI) CLC5612 Datasheet HTML 14Page - National Semiconductor (TI) CLC5612 Datasheet HTML 15Page - National Semiconductor (TI) CLC5612 Datasheet HTML 16Page - National Semiconductor (TI) CLC5612 Datasheet HTML 17Page - National Semiconductor (TI) CLC5612 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Division (Continued)
Application Circuits
Single Supply Cable Driver
Figure 14 below shows the CLC5612 driving 10m of 75
Ω
coaxial cable. The CLC5612 is set for a gain of +2V/V to
compensate for the divide-by-two voltage drop at V
o. The
response after 10m of cable is illustrated in
Figure 15.
Differential Line Driver with Load
Impedance Conversion
The circuit shown in the Typical Application schematic on the
front page and in
Figure 16, operates as a differential line
driver. The transformer converts the load impedance to a
value that best matches the CLC5612’s output capabilities.
The single-ended input signal is converted to a differential
signal by the CLC5612. The line’s characteristic impedance
is matched at both the input and the output. The schematic
shows Unshielded Twisted Pair for the transmission line;
other types of lines can also be driven.
Set up the CLC5612 as a difference amplifier.
•
Set the Channel 1 amplifier to a gain of +1V/V
•
Set the Channel 2 amplifier to a gain of −1V/V
Make the best use of the CLC5612’s output drive capability
as follows:
RR
2V
I
meq
max
max
+= ⋅
where R
eq is the transformed value of the load impedance,
V
max is the Output Voltage Range, and Imax is the maximum
Output Current.
Match the line’s characteristic, impedance:
RZ
RR
n
R
R
Lo
meq
L
eq
=
=
=
Select the transformer so that it loads the line with a value
very near Z
o over frequency range. The output impedance of
the CLC5612 also affects the match. With an ideal
transformer we obtain:
Return Loss
20 log
nZ
j
Z
,dB
10
2
o 5612
o
=− ⋅
⋅
()
() ω
where Z
o(5612)(jω) is the output impedance of the CLC5612
and |Z
o(5612)(jω)| <<Rm
The load voltage and current will fall in the ranges:
Vn V
I
I
n
o
o
≤⋅
≤
max
max
The CLC5612’s high output drive current an low distortion
make it a good choice for this application.
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.1
µF
6.8
µF
Vin
5k
Ω
5k
Ω
+
+5V
+5V
0.1
µF 0.1µF
Vo
10m of 75
Ω
Coaxial Cable
75
Ω
0.1
µF
75
Ω
CLC5612
NOTE: Channel 2 not shown
DS015001-53
FIGURE 14. Single Supply Cable Driver
20ns/div
Vin = 10MHz, 0.5Vpp
DS015001-54
FIGURE 15. Response After 10m of Cable
Rt2
Vin
Rt
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
1:n
Vd/2
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
-Vd/2
Note: Supplies and bypassing not shown.
DS015001-55
FIGURE 16. Differential Line Driver with Load
Impedance Conversionn
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com