Electronic Components Datasheet Search
  English  ▼

X  

MIC5255 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5255
Description  150mA Low Noise UCap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5255 Datasheet HTML 2Page - Micrel Semiconductor MIC5255 Datasheet HTML 3Page - Micrel Semiconductor MIC5255 Datasheet HTML 4Page - Micrel Semiconductor MIC5255 Datasheet HTML 5Page - Micrel Semiconductor MIC5255 Datasheet HTML 6Page - Micrel Semiconductor MIC5255 Datasheet HTML 7Page - Micrel Semiconductor MIC5255 Datasheet HTML 8Page - Micrel Semiconductor MIC5255 Datasheet HTML 9Page - Micrel Semiconductor MIC5255 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC5255
Micrel
August, 2004
6
M0385-080204
400
410
420
430
440
450
460
470
480
490
500
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Short Circuit Current
V
IN = VOUT + 1V
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage vs.
Temperature
I
LOAD
= 100
µA
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
I
LOAD
= 100
µA
0
50
100
150
200
250
300
350
400
450
500
100
1000
10000 100000 1000000
BYPASS CAPACITANCE (pF)
Turn-On Time vs.
Bypass Capacitance
Prop Delay
Rise Time
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
I
LOAD = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com