Electronic Components Datasheet Search
  English  ▼

X  

MIC5255 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5255
Description  150mA Low Noise UCap CMOS LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5255 Datasheet HTML 1Page - Micrel Semiconductor MIC5255 Datasheet HTML 2Page - Micrel Semiconductor MIC5255 Datasheet HTML 3Page - Micrel Semiconductor MIC5255 Datasheet HTML 4Page - Micrel Semiconductor MIC5255 Datasheet HTML 5Page - Micrel Semiconductor MIC5255 Datasheet HTML 6Page - Micrel Semiconductor MIC5255 Datasheet HTML 7Page - Micrel Semiconductor MIC5255 Datasheet HTML 8Page - Micrel Semiconductor MIC5255 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August, 2004
5
M0385-080204
MIC5255
Micrel
Typical Characteristics
0
10
20
30
40
50
60
70
FRQUENCY (Hz)
100
µA*
50mA*
100mA*
150mA*
Power Supply Rejection Ratio
*I
LOAD
C
OUT = 1µF Ceramic
0
10
20
30
40
50
60
70
FRQUENCY (Hz)
100
µA*
50mA*
100mA*
150mA*
Power Supply Rejection Ratio
* I
LOAD
C
OUT = 4.7µF Ceramic
0
10
20
30
40
50
60
70
FRQUENCY (Hz)
0
µF*
0.01
µF*
0.1
µF*
1.0
µF*
Power Supply Rejection Ratio
* C
BYP
I
LOAD = 50mA
V
IN = VOUT + 0.5V
C
OUT = 1µF Ceramic
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
VOLTAGE DROP (mV)
PSRR vs. Voltage Drop
I
LOAD = 100µA
I
LOAD = 150mA
C
OUT = 1µF
C
BYP = 0.01µF
100
105
110
115
120
125
130
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Ground Pin Current
V
IN = VOUT + 1V
95
97
99
101
103
105
107
109
111
113
115
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Ground Pin Current
I
LOAD
= 100
µA
95
100
105
110
115
120
125
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Ground Pin Current
I
LOAD
= 150mA
0
20
40
60
80
100
120
140
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD
= 100
µA
0
20
40
60
80
100
120
140
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD
= 150mA
0
0.5
1
1.5
2
2.5
3
3.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD
= 150mA
I
LOAD
= 100
µA
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Dropout Voltage
I
LOAD
= 100
µA
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
VOLTAGE DROP (mV)
PSRR vs. Voltage Drop
I
LOAD = 100µA
I
LOAD = 150mA
C
OUT = 1µF
C
BYP = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com