Electronic Components Datasheet Search
  English  ▼

X  

PJ494CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ494CS
Description  Switchmode Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ494CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
1-11
2002/11.rev.A
DIP-16
SOP-16
he PJ494 incorporates on a single monolithic chip all
the functions required in the construction of a pulse-
width-modulation control circuit. Designed primarily for
power supply control, these devices offer the systems
engineer the flexibility to tailor the power supply control
circuitry to his application.
The PJ494 contains an error amplifier, an on-chip adjustable
oscillator, a deed-time control comparator, pulse-steering
control flip-flop, a 5-volt, 5% precision regulator, and output-
control circuits. The error amplifier exhibits a common-mode
voltage from –0.3 volts to Vcc –2 volts. The dead-time
control comparator has a fixed offset that provides
approximately 5% dead time when externally altered. The on-
chip oscillatory be bypassed by terminating RT (pin 6) to the
reference output and providing a sawtooth input to CT (PIN
5), or it may be used to drive the common circuits in
synchronous multiple-rail power supplies. The uncommited
output transistor provide either common-emitter or emitter-
follower output capability. Each device provides for push-pull
or single-ended output operation, which may be selected
through the output-control function. The architecture of these
devices prohibits the possibility of either output being pulsed
twice during push-pull operation.
•
Complete PWM Power Control Circuitry
•
Uncommitted Outputs for 200mA Sink or Source Current
•
Output Control Selects Single-Ended or Push –Pull Operation
•
Internal Circuitry Prohibits Double Pulse at Either Output
•
Variable Dead-Time Provides Control over Total Range
•
Internal Regulator Provides a Stable 5-V Reference Supply, 5%
•
Circuit Architecture Allows Easy Synchronization
(unless otherwise noted)
T
Device
OperatingTemperature
(Ambient)
Package
PJ494CD
DIP-16
PJ494CS
-20℃ to +85℃
SOP-16
Rating
Symbol
Value
Unit
Supply voltage
Vcc
41
Amplifier input voltage
Vi
Vcc+0.3
Collector output voltage
Vo
41
V
Collector output current
250
mA
Operating free-air temperature range
-20 to 85
Storage temperature range
Tstg
-25 to 125
Operating Junction Temperature
TJ
125
Lead temperature 1,6mm from case for 10 seconds
260
℃
Power Dissipation @TA≦45℃
PD
1000
mW
FEATURES
ORDERING INFORMATION
Pin 1.Noninv Input
2.Inv Input
3.Feedback
4.Dead-Time Control
5.CT
6.RT
7.Gnd
8.C1
9.E1
10.E2
11.C2
12.Vcc
13.Output Control
14.Ref Out
15. Inv Input
16. Noninv Input
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR TEMPERATURE RANGE
﹜Error Amp2
﹜Error Amp1


Similar Part No. - PJ494CS

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
PJ4-04BLM FLEXTRAL-PJ4-04BLM Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK FLEXTRAL-PJ4-06BK Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK-050C FLEXTRAL-PJ4-06BK-050C Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BK-100C FLEXTRAL-PJ4-06BK-100C Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
PJ4-06BLM FLEXTRAL-PJ4-06BLM Datasheet
464Kb / 1P
PROJET4200 4200 PSI Pressure Washer Hose
More results

Similar Description - PJ494CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
Switchmode Pulse Width Modulation Control Circuits
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
Switchmode Pulse - Width - Modulation Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com