Electronic Components Datasheet Search
  English  ▼

X  

PJ494CS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PJ494CS
Description  Switchmode Pulse Width Modulation Control Circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ494CS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PJ494CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ494CS Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PJ494
Switchmode Pulse Width Modulation Control Circuit
11-11
2002/11.rev.A
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
17.80
18.05
0.701
0.710
B
6.25
6.45
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
G
1.27BSC
0.05BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
L
0°
7°
0°
7°
M
-
10°
0.395
0.415
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.80
10.00
0.386
0.393
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
0°
7°
0°
7°
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com