Electronic Components Datasheet Search
  English  ▼

X  

SFH6701 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SFH6701
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6701 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SFH6701 Datasheet HTML 8Page - Vishay Siliconix SFH6701 Datasheet HTML 9Page - Vishay Siliconix SFH6701 Datasheet HTML 10Page - Vishay Siliconix SFH6701 Datasheet HTML 11Page - Vishay Siliconix SFH6701 Datasheet HTML 12Page - Vishay Siliconix SFH6701 Datasheet HTML 13Page - Vishay Siliconix SFH6701 Datasheet HTML 14Page - Vishay Siliconix SFH6701 Datasheet HTML 15Page - Vishay Siliconix SFH6701 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Document Number 83683
Rev. 1.3, 27-Apr-04
Vishay Semiconductors
www.vishay.com
13
isfh6700_29
Output VO
VOL
Output VO
VOH
tPZL
tPLZ
S1 and S2 closed
S1 closed
S2 open
1.3 V
0.5 V
S1 andS2closed
ca. 1.5 V
S1 open
S2 closed
tPZH
tPHZ
1.3 V
0V
0.5 V
Input VEN
3.0 V
1.3 V
0V
1
2
3
4
6
7
8
VCC
Out
En
Gnd
VCC
5V
D1
D2
D3
D4
All diodes are 1N916 or 1N3064
IF
619 Ohm
C1
S1
S2
C1 = 15 pF including Probe and Jig Capacitances
5kOhm
0.1
µF
Bypass
Pulse generator
ZO =50Ohm
tr,tf =5ns
Input VC
Monitoring
Node
Output VO
Monitoring
Node
5
Fig. 29 Test Circuit for tPHZ, tPZH, tPLZ and tPZL-SFH6700/19
isfh6700_30
0.1
µF
Bypass
Output VO
Monitoring
Node
1
2
3
4
6
7
8
Vcc
Out*
En*
Gnd
VCC
A
B
R
Pulse Generator
+
–
VCM
* SFH6701/02/11/12 without VEN
* SFH6702/12 Pin 6 VOUT and Pin 7 n.c.
5
Output VO
VCM
400V/50V
Switch at A: IF = 1.6 mA
0V
VOH
VO (min)
VOL
VO (max)
Switch at B: IF =0mA
Fig. 30 Test Circuit for Common Mode Transient Immunity and Typical Waveforms-SFH6700/01/02/11/12/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com