Electronic Components Datasheet Search
  English  ▼

X  

SFH6701 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6701
Description  High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6701 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6701 Datasheet HTML 1Page - Vishay Siliconix SFH6701 Datasheet HTML 2Page - Vishay Siliconix SFH6701 Datasheet HTML 3Page - Vishay Siliconix SFH6701 Datasheet HTML 4Page - Vishay Siliconix SFH6701 Datasheet HTML 5Page - Vishay Siliconix SFH6701 Datasheet HTML 6Page - Vishay Siliconix SFH6701 Datasheet HTML 7Page - Vishay Siliconix SFH6701 Datasheet HTML 8Page - Vishay Siliconix SFH6701 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
4
Document Number 83683
Rev. 1.3, 27-Apr-04
VISHAY
SFH6700/ 01/ 02/ 05/ 11/ 12/ 19
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
0°C
≤ Tamb ≤ 85 °C; 4.5 V ≤ VCC ≤ 15 V; 1.6 mA ≤ IFon ≤ 5.0 mA; 2.0 ≤ VEH ≤ 15 V; 0 ≤ VEL ≤ 0.8 V; 0 mA ≤ IFoff ≤ 0.1 mA;
Typical values: Tamb = 25 °C; VCC = 5.0 V; IFon = 3.0 mA unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 5.0 mA
VF
1.6
1.75
V
IF = 5.0 mA,
VF
1.8
V
Input current hysteresis
VCC = 5.0 V, IHYS = IFon-IFon
IHYS
0.1
mA
Reverse current
VR = 3.0 V
IR
0.5
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz;
CO
60
pF
Thermal resistance
Rthja
700
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com