Electronic Components Datasheet Search
  English  ▼

X  

DM117 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM117
Description  Maximum output voltage: 17V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM117 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM117 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM117
DM117
8-bit Constant Current LED Driver
with Error Detection
General Description
DM117 is a constant-current sink driver specifically designed for LED display applications.
The device incorporates shift registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of all 8 channels is adjustable by a single external
resistor. Its built-in open/short detection and thermal alarm circuits help users detect LED failures
and overheating. There are two methods to communicate the error messages to the system. One is
through serial output data to indicate which channel has failure. The other is by means of dedicated
Alarm pin.
Features
Constant-current outputs: 5mA to 90mA adjustable by one external resistor
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Built-in real-time LED open/short detection: real-time monitor or smart detection modes
Fast detecting response: 0.1us (min.)
Over temperature protection:
Alarm((junction temperature > 110°C)
Shutdown (junction temperature >180°C)
Power supply voltage: 3.3V to 5.5V
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
Package
PDIP20, SSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com