Electronic Components Datasheet Search
  English  ▼

X  

DM117 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM117
Description  Maximum output voltage: 17V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM117 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM117 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM117 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-bit Constant Current LED Driver with Error Detection
Version:A.001
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM117
Pin Connection
Pin Description
PIN No.
PIN NAME
FUNCTION
1
VCC
Supply voltage terminal.
2
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
3
LAT
Input terminal of data strobe. Data on shift register goes through at the rising
edge of LAT (edge trigger). Otherwise, data is latched.
4
CLK
Synchronous clock input terminal for serial data transfer. Data is sampled at the
rising edge of DCK.
5
DAI
Serial data input terminal.
6
OS
Input open/short detection selection:
‘H’ for LED short detection mode
‘L’ for LED open detection mode.
‘Edge’
*1 for smart detection mode.
7~14
OUT0~7
Sink constant-current outputs (open-drain)
15
DAO
Serial data output terminal.
16
ALARM
Output open drain terminal: (connected to a pull-high resistor)
17
SDO
Serial data output trigger mode selection:
‘H’ means data is shifted out on synchronization to falling edge of CKO
‘L’ means data is shifted out on synchronization to rising edge of CKO
18
REXT
External resistors connected between REXT and GND for output current value
setting.
19
RESERVED
Terminal for testing, user should leave this pin open.
20
GND
Ground terminal
*1 Rising edge or falling edge. See detailed description (page 13~15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com