Electronic Components Datasheet Search
  English  ▼

X  

DM632B Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM632B
Description  Maximum output voltage: 17V
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632B Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM632B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 11Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 12Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 13Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 14Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 15Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 16Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:PRE.001
Preliminary
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632B
The default mode is the Rising-Edge Mode (REM
*1) after power-on. Users could do mode
select between REM and FEM
*2 by following timing sequence. The option 1 shows two rising edge
of latch pulses ( LAT ) when the data-input clock (DCK) kept at high level then sending one rising
edge of DCK pulses when LAT kept at high level. Then we can receive serial-out data from the
data-output signal (DAO) at falling edge of DCK after the falling edge of LAT . The option 2
shows three rising edge of LAT when DCK kept at high level then sending two rising edge of
DCK, while LAT kept high level at the same time. After the falling edge of LAT , we receive
serial-out data from DAO at rising edge of DCK (REM). Notice that when internal RESET at low
level, all the shift registers in DM632B will be cleared (Kept at Low level).
DCK
LAT
Option 2 : Timing Combination to set up
Rising-Edge Mode (REM)
RESET
(internal)
t
12 3
12
GCK
DCK
LAT
Option 1 : Timing Combination to set up
Falling-Edge Mode (FEM)
RESET
(internal)
t
12
1
GCK
X
XX
X
Auto-Reload/One-Shot Mode selection
The Auto-Reload mode (ARM) in DM632B means outputs can repeat the grayscale PWM
cycle over and over. It can decrease the data amount greatly compare to non-PWM function driver
operated in grayscale PWM application.
LAT
GCK
OUT0
( internal or
external )
65536 GCK
Counter
reset
(current)
on
off
high
low
1
0
Auto-Reload Mode (ARM).
Frame Data B
65536 GCK
Frame Data B
The One-Shot Mode in DM632B means each output shows one grayscale PWM cycle
following one latch pulse. The grayscale PWM cycle starts with the falling edge of LAT signal.
The first GCK pulse after LAT increases the grayscale counter by one and switches on all outputs
with grayscale value. It makes driver synchronous control easily.
*
1 REM switch to FEM timing diagram please refer to page 16.
*
2 FEM switch to REM timing diagram please refer to page 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com