Electronic Components Datasheet Search
  English  ▼

X  

DM632B Datasheet(PDF) 27 Page - Silicon Touch Technology Inc.

Part # DM632B
Description  Maximum output voltage: 17V
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632B Datasheet(HTML) 27 Page - Silicon Touch Technology Inc.

Back Button DM632B Datasheet HTML 23Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 24Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 25Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 26Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 27Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 28Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 29Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 30Page - Silicon Touch Technology Inc. DM632B Datasheet HTML 31Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
新竹市科學園區展業一路9號7樓之1
9-7F-1, Prosperity RoadⅠ, Hsin-Chu, Taiwan, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626
16-channel 16-bit PWM Constant Current LED Driver
Version:PRE.001
Preliminary
Page 26
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632B
D
24
13
12
1
b1
b
e
SEATING PLANE
Package Outline Dimension
DM632B-DIPB
DIMENSIONS IN INCH DIMENSIONS IN MM
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
0.210
-
5.334
A1
0.015
-
0.381
-
A2
0.125
0.135
3.175
3.429
b
0.040
1.016
b1
0.018
0.457
D
0.880
0.920
22.352
23.368
E
0.300BSC
7.620BSC
E1
0.245
0.255
6.223
6.477
E2
0.335
0.375-
8.509
9.525
e
0.070
1.778
L
0.115
0.150
2.921
3.810
Θ
0°
15°
0°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com