Electronic Components Datasheet Search
  English  ▼

X  

VM149D Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # VM149D
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149D Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  VM149D Datasheet HTML 1Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 2Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
120mA, 10Bit Current Sinking VCM Driver with I
2C Interface
Version:A.003
Page3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149D
Pin Assignment
TOP View
Pin Number
Pin Name
Description
1
SINK
Analog Output : Current Sink Pin
2
VSS
Ground Pin
3
VDD
Power Input Pin
4
SDA
I
2C Interface Data Line (Serial Data Line)
5
SCL
I
2C Interface Clock Line (Serial Clock Line)
6
PS
Digital Input: Power Saving Control
(When PS=High, chip is disabled)
(When PS=Low, chip is enabled)
Absolute Maximum Ratings
Unless otherwise noted
, TA= 25℃
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
-0.4 ~ 3.6
V
Input Signal Voltage
VIN
-0.4 ~ VDD+0.4
V
Maximum Sink Current
ISINK
130
mA
Operating Temperature
TOPR
-40 ~ 85
°C
Storage Temperature
TSTG
-55 ~ 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com