Electronic Components Datasheet Search
  English  ▼

X  

VM149D Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # VM149D
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149D Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  VM149D Datasheet HTML 1Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 2Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
120mA, 10Bit Current Sinking VCM Driver with I
2C Interface
Version:A.003
Page4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149D
Electrical Characteristic
Unless otherwise noted
, TA= 25℃, VDD = 2.8 V and VCM ≈ 32Ω, 460uH.
Limit
Item
Sym.
Condition
Min.
Typ.
Max.
Unit
Power Supply
Supply Voltage
VDD
-
2.3
2.8
3.6
V
IPS
PS = High (chip is disabled)
-
< 1
uA
IDD0
PS = Low, SPS(*1)= High
-
< 1
uA
Supply Current
( IDD )
IDD1
PS = Low, SPS(*1)= Low
-
1.8
2.3
mA
PS, SDA, SCL digital pin
Input Voltage High
VIH
-
1.26
-
VDD+0.4
V
Input Voltage Low
VIL
-
-0.4
-
0.54
V
Input Current High
IIH
-
±
1
uA
Input Current Low
IIL
-
±
1
uA
Parameters
DAC Resolution
-
-
10
-
Bits
DNL
-
-
+/-0.7
+/-1
LSB
INL
-
-
+/-1.5
+/-4
LSB
Maximum
Output Sink Current
IS,max
D[9:0]=3FF(*2)
120
mA
Zero Code
Output Sink Current
IS,min
D[9:0]=000(*2)
-
0.1
1
uA
Output Offset Current
IOS
PS = L, SPS(*1)= H
-
0.1
1
uA
Voltage Drop
V
Δ
MVSS
SINK
V
V
V
−
=
Δ
(*3)
(@ISINK = 85 mA)
-
0.08
V
Note:
(*1): SPS (Soft Power Saving, 2
nd standby mode): IC power saving mode, controlled by software.
(*2): The value of sink current through pin SINK is set by D[9:0] linearly.
(*3):
SINK
V
is the voltage of SINK pin, and
MVSS
V
is the voltage of motor driver VSS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com