Electronic Components Datasheet Search
  English  ▼

X  

TDA4454 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TDA4454
Description  Multistandard VIF Amplifier and PLL Demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4454 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TDA4454 Datasheet HTML 1Page - TEMIC Semiconductors TDA4454 Datasheet HTML 2Page - TEMIC Semiconductors TDA4454 Datasheet HTML 3Page - TEMIC Semiconductors TDA4454 Datasheet HTML 4Page - TEMIC Semiconductors TDA4454 Datasheet HTML 5Page - TEMIC Semiconductors TDA4454 Datasheet HTML 6Page - TEMIC Semiconductors TDA4454 Datasheet HTML 7Page - TEMIC Semiconductors TDA4454 Datasheet HTML 8Page - TEMIC Semiconductors TDA4454 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TELEFUNKEN Semiconductors
TDA4454
Preliminary Information
Rev. A1: 04.05.1995
2 (11)
Block Diagram
=
9
°
0
°
Interference
rejection
Video
VCO
Video
output
Lock
detector
B/G
L
D2MAC
Overload
detector
+ VS
L
+/ –
IF AGC
Average
( only L, D2MAC )
9
Loop filter
VCO Tank
Standard switch
+
1
4
Tuner AGC
Tuner AGC
take over
16
IF input
2
5
415
7
14
6
RO
10
8
11
12
93 7633
Int. Ref
13
B/G
D2MAC
Pin Description
Pin
Symbol
Function
1, 16
IF input
2
Tuner AGC adjustment
(turn over point)
3
Delayed tuner AGC current
4, 15
Ground
5
IF AGC time constant
6
Video output
7
Video averaging for standard L
and D2MAC
Pin
Symbol
Function
8, 9
VCO circuit
10
Standard switch
11
PLL loop filter
12
PLL time constant switch
13
Reference voltage
14
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com