Electronic Components Datasheet Search
  English  ▼

X  

TDA4454 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # TDA4454
Description  Multistandard VIF Amplifier and PLL Demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4454 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  TDA4454 Datasheet HTML 1Page - TEMIC Semiconductors TDA4454 Datasheet HTML 2Page - TEMIC Semiconductors TDA4454 Datasheet HTML 3Page - TEMIC Semiconductors TDA4454 Datasheet HTML 4Page - TEMIC Semiconductors TDA4454 Datasheet HTML 5Page - TEMIC Semiconductors TDA4454 Datasheet HTML 6Page - TEMIC Semiconductors TDA4454 Datasheet HTML 7Page - TEMIC Semiconductors TDA4454 Datasheet HTML 8Page - TEMIC Semiconductors TDA4454 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TELEFUNKEN Semiconductors
TDA4454
Preliminary Information
Rev. A1: 04.05.1995
3 (11)
Absolute Maximum Ratings
Reference point Pin 4, unless otherwise specified
Parameters
Symbol
Value
Unit
Supply voltage
Pin 14
Vs
6.8 to 13.0
V
Supply current
Pin 14
IS
55
mA
Output current
Pin 6
Iout
5.0
mA
Maximum power dissipation
P
720
mW
Junction temperature
Tj
+125
°C
Ambient temperature during operation
Tamb
–25 to +85
°C
Storage temperature
Tstg
–25 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient (when soldered to PCB)
RthJA
60
K/W
External Voltage
Pin
Voltage Range *)
1–16
0
v Vpin v min (Vs, 8 V)
2
0
v Vpin v Vs
3
0
v Vpin v min (Vs, 10 V)
5
0
v Vpin v min (Vs, 10 V)
6
0
v Vpin v 6 V
7
0
v Vpin v min (Vs, 8 V)
8–9
0
v Vpin v Vs
10
0
v Vpin v Vs
11
0
v Vpin v min (Vs, 7.5 V)
12
0
v Vpin v Vs
13
0
v Vpin v Vs
14
6.8 V
v Vpin v Vs
*)
min (Vs, xV): the lesser of the two values is the lower limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com