Electronic Components Datasheet Search
  English  ▼

X  

TIL192B Datasheet(PDF) 2 Page - Texas Instruments

Part # TIL192B
Description  Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL192B Datasheet(HTML) 2 Page - Texas Instruments

  TIL192B Datasheet HTML 1Page - Texas Instruments TIL192B Datasheet HTML 2Page - Texas Instruments TIL192B Datasheet HTML 3Page - Texas Instruments TIL192B Datasheet HTML 4Page - Texas Instruments TIL192B Datasheet HTML 5Page - Texas Instruments TIL192B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIL191, TIL192, TIL193, TIL191A, TIL192A, TIL193A
TIL191B, TIL192B, TIL193B
OPTOCOUPLERS
SOES026B – APRIL 1989 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics 25
°C free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC = 0.5 mA,
IF = 0
35
V
V(BR)ECO
Emitter-collector breakdown voltage
IC = 100 µA,
IF = 0
7
V
IR
Input diode static reverse current
VR = 5 V
10
µA
IC(off))
Off-state collector current
VCE = 24 V,
IF = 0
100
nA
TIL191, TIL192, TIL193
20%
CTR
Current transfer ratio
TIL191A, TIL192A, TIL193A
IF = 5 mA,
VCE = 5 V
50%
TIL191B, TIL192B, TIL193B
100%
VF
Input diode static forward voltage
IF = 20 mA
1.4
V
VCE(sat)
Collector-emitter saturation voltage
IF = 5 mA,
IC = 1 mA
0.4
V
Cio
Input-to-output capacitance
Vin–out = 0 mA,
See Note 6
f = 1 MHz,
1
pF
rio
Input-to-output internal resistance
Vin–out = ±1 mA, See Note 6
1011
Ω
NOTE 6: These parameters are measured between all input diode leads shorted together and all phototransistor leads shorted together.
switching characteristics at 25
°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VCC = 5 V,
IC(on) = 2 mA,
6
µs
tf
Fall time
CC
RL = 100 Ω,
C(on)
See Figure 1
6
µs
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
+
–
VCC = 5 V
Input (see Note A)
Output (see Note B)
RL = 100 Ω
47
Ω
tr
tf
90%
10%
90%
10%
Output
Input
0 V
VOLTAGE WAVEFORMS
NOTE C. Adjust amplitude of input
pulse for IC(on) = 2 mA
NOTES: A. The input waveform is supplied by a generator with the following characteristics: ZOUT = 50 Ω, tr ≤ 15 ns, duty cycle ≈ 1%,
tw = 100 µs.
B. The output waveform is monitored on a oscilloscope with the following characteristic: tr ≤ 12 ns, Rin ≥ 1 MΩ, Cin ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com