Electronic Components Datasheet Search
  English  ▼

X  

TIL192B Datasheet(PDF) 4 Page - Texas Instruments

Part # TIL192B
Description  Optocouplers consist of one gallium-arsenide light-emitting diode and one silicon npn phototransistor per channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIL192B Datasheet(HTML) 4 Page - Texas Instruments

  TIL192B Datasheet HTML 1Page - Texas Instruments TIL192B Datasheet HTML 2Page - Texas Instruments TIL192B Datasheet HTML 3Page - Texas Instruments TIL192B Datasheet HTML 4Page - Texas Instruments TIL192B Datasheet HTML 5Page - Texas Instruments TIL192B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIL191, TIL192, TIL193, TIL191A, TIL192A, TIL193A
TIL191B, TIL192B, TIL193B
OPTOCOUPLERS
SOES026B – APRIL 1989 – REVISED APRIL 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0.12
0.08
0.04
0
0.16
0.20
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
FREE-AIR TEMPERATURE
0.24
– 50
– 25
0
25
50
75
100
IF = 5 mA
IC = 1 mA
TA – Free-Air Temperature – °C
Figure 6
APPLICATION INFORMATION
Vcc = 5 V
OUTPUT
7.5 k
Ω
430
Ω
SN7404
TIL191
SN7404
5 V
INPUT
Figure 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com