Electronic Components Datasheet Search
  English  ▼

X  

TPS62000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62000
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62000 Datasheet HTML 9Page - Texas Instruments TPS62000 Datasheet HTML 10Page - Texas Instruments TPS62000 Datasheet HTML 11Page - Texas Instruments TPS62000 Datasheet HTML 12Page - Texas Instruments TPS62000 Datasheet HTML 13Page - Texas Instruments TPS62000 Datasheet HTML 14Page - Texas Instruments TPS62000 Datasheet HTML 15Page - Texas Instruments TPS62000 Datasheet HTML 16Page - Texas Instruments TPS62000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
650
670
690
710
730
750
770
790
−40
−20
0
20
40
60
80
OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
VI = 3.6 V
VI = 5 V
VI = 2 V
TA − Free-Air Temperature − °C
Figure 10
LOAD TRANSIENT RESPONSE
I(Load) = 60 mA to
540 mA,
VI = 3.6 V,
VO = 2.5 V
200
µs/div
VO
25 mV/div
IO
500 mA/div
Figure 11
400
µs/div
VI
3.6 V to
4.6 V
VO
100 mV/div
LINE TRANSIENT RESPONSE
Figure 12
10
µs/div
VL
2 V/div
IL
200 mA/div
POWER SAVE MODE OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com