Electronic Components Datasheet Search
  English  ▼

X  

TPS62000 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62000
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62000 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62000 Datasheet HTML 1Page - Texas Instruments TPS62000 Datasheet HTML 2Page - Texas Instruments TPS62000 Datasheet HTML 3Page - Texas Instruments TPS62000 Datasheet HTML 4Page - Texas Instruments TPS62000 Datasheet HTML 5Page - Texas Instruments TPS62000 Datasheet HTML 6Page - Texas Instruments TPS62000 Datasheet HTML 7Page - Texas Instruments TPS62000 Datasheet HTML 8Page - Texas Instruments TPS62000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TPS6200x is a synchronous current-mode PWM converter with integrated N- and P-channel power
MOSFET switches. Synchronous rectification is used to increase efficiency and to reduce external component
count. To achieve the highest efficiency over a wide load current range, the converter enters a power-saving
pulse-frequency modulation (PFM) mode at light load currents. Operating frequency is typically 750 kHz,
allowing the use of small inductor and capacitor values. The device can be synchronized to an external clock
signal in the range of 500 kHz to 1 MHz. For low-noise operation, the converter can be operated in the PWM
mode and the internal antiringing switch reduces noise and EMI. In the shutdown mode, the current
consumption is reduced to less than 1
µA. The TPS6200x is available in the 10-pin (DGS) microsmall outline
package (MSOP). The TPS62000 is also available in a 12-pin, 1,85 mm x 1,3 mm NanoStar
 chip scale
package (YEG). The devices operate over a free-air temperature range of −40
°C to 85°C.
1
2
3
4
5
10
9
8
7
6
MSOP (DGS) PACKAGE
(TOP VIEW)
VIN
FC
GND
PG
FB
PGND
L
EN
SYNC
ILIM
AB
CD
1
2
3
YEG PACKAGE
(BOTTOM VIEW)
AVAILABLE OPTIONS
TA
VOLTAGE OPTIONS
PACKAGE
MARKING
TA
VOLTAGE OPTIONS
MSOP†
WCSP‡
DGS
YEG
Adjustable
TPS62000DGS
TPS62000YEG
AIH
TPS62000
0.9 V
TPS62001DGS
AII
1 V
TPS62002DGS
AIJ
1.2 V
TPS62003DGS
AIK
−40
°C to 85°C
1.5 V
TPS62004DGS
AIL
−40 C to 85 C
1.8 V
TPS62005DGS
AIM
1.9 V
TPS62008DGS
AJI
2.5 V
TPS62006DGS
AIN
3.3 V
TPS62007DGS
AIO
† Without the suffix indicates deliveries in tubes of 80 units.
‡ The YEG package is available taped and reeled. Add R suffix to device type (e.g. TPS62000YEGR) to order
3000 devices per reel. Add T sufix to device type (e.g., TPS62000YEGT) to order 250 devices per reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com