Electronic Components Datasheet Search
  English  ▼

X  

5341FE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5341FE
Description  Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5341FE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5341FE Datasheet HTML 1Page - List of Unclassifed Manufacturers 5341FE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
CSA Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Surface Printing (Overall)
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
95.149
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
171.432
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
21.4905
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
42.981
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Description
Current
10C Temperature Rise 4 Amps per conductor @ 25°C ambient
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
5341FE 008U1000
1,000 FT
35.000 LB
GRAY
2 PR #18 PP FS FRPVC
5341FE 0081000
1,000 FT
36.000 LB
GRAY
C
2 PR #18 PP FS FRPVC
5341FE 008500
500 FT
21.000 LB
GRAY
C
2 PR #18 PP FS FRPVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 3
Revision Date: 08-20-2013
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
5341FE Multi-Conductor - Commercial Applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com