Electronic Components Datasheet Search
  English  ▼

X  

5341FE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5341FE
Description  Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5341FE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5341FE Datasheet HTML 1Page - List of Unclassifed Manufacturers 5341FE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation,
Beldfoil® shield and PVC jacket with ripcord
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
2
18
7x26
BC - Bare Copper
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Material Wall Thickness (mm)
PP - Polypropylene 0.178
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Outer Shield Material
Beldfoil®
Aluminum Foil-Polyester Tape
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
Solid
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.432
Overall Cable
Overall Nominal Diameter:
6.350 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +70°C
Bulk Cable Weight:
49.111 Kg/Km
Max. Recommended Pulling Tension:
460.834 N
Min. Bend Radius/Minor Axis:
63.500 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
Page 1 of 2
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
5341FE Multi-Conductor - Commercial Applications


Similar Part No. - 5341FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5341FE BELDEN-5341FE Datasheet
159Kb / 2P
Security & Sound, #18-2pr, BC, Shielded, CMR
12-22-2023
5341FE-0081000 BELDEN-5341FE-0081000 Datasheet
159Kb / 2P
Security & Sound, #18-2pr, BC, Shielded, CMR
12-22-2023
5341FE-0081200 BELDEN-5341FE-0081200 Datasheet
159Kb / 2P
Security & Sound, #18-2pr, BC, Shielded, CMR
12-22-2023
5341FE-0081500 BELDEN-5341FE-0081500 Datasheet
159Kb / 2P
Security & Sound, #18-2pr, BC, Shielded, CMR
12-22-2023
5341FE-008500 BELDEN-5341FE-008500 Datasheet
159Kb / 2P
Security & Sound, #18-2pr, BC, Shielded, CMR
12-22-2023
More results

Similar Description - 5341FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
11872A ETC2-11872A Datasheet
36Kb / 4P
4 bonded-pairs UTP, 23 AWG solid bare copper conductors, riser rated, polyolefin insulation
5541UE ETC2-5541UE Datasheet
99Kb / 3P
Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
5500FE ETC2-5500FE Datasheet
101Kb / 3P
Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper conductors with polyolefin insulation
6341PC ETC2-6341PC Datasheet
98Kb / 3P
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com