Electronic Components Datasheet Search
  English  ▼

X  

83264 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 83264
Description  30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83264 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  83264 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83264 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83264 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.3281
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
63.9795
Nominal Velocity of Propagation:
VP (%)
69.5
Nominal Delay:
Delay (ns/m)
4.5934
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
800.564
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
27.8885
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1
9.843
10
17.3893
50
27.8885
100
32.81
200
41.0125
400
52.496
700
64.6357
900
73.1663
1000
78.744
Max. Power Rating:
Freq. (MHz) Rating (W)
50.000
1250.000
100.000
865.000
200.000
599.000
400.000
415.000
700.000
308.000
900.000
270.000
1000.000
255.000
Max. Operating Voltage - Non-UL:
Voltage
900 V RMS (MIL-SPEC)
Notes (Overall)
Notes: Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
83264 001100
100 FT
1.100 LB
BROWN
E
30 COAX M17/94-RG179
83264 0011000
1,000 FT
11.000 LB
BROWN
C E
#30 COAX M17/94-RG179
83264 001500
500 FT
6.000 LB
BROWN
E
#30 COAX M17/94-RG179
Notes:
C = CRATE REEL PUT-UP.
E = MAY CONTAIN MORE THAN 1 PIECE. MINIMUM LENGTH OF ANY ONE PIECE IS 25'
Page 2 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
83264 Coax - 75 Ohm Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com