Electronic Components Datasheet Search
  English  ▼

X  

83264 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 83264
Description  30 awg stranded (7x38) .012 silver-plated copper-covered steel conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

83264 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  83264 Datasheet HTML 1Page - List of Unclassifed Manufacturers 83264 Datasheet HTML 2Page - List of Unclassifed Manufacturers 83264 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
30 awg stranded (7x38) .012" silver-plated copper-covered steel conductor, TFE Teflon® insulation,
silver-plated copper braid shield (95% coverage), FEP jacket
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material
Dia. (mm)
1
30
7x38
SPCCS - Silver Plated Copper Covered Steel 0.3048
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Dia. (mm)
Teflon®
TFE - Tetrafluoroethylene 1.5748
Outer Shield
Outer Shield Material:
Type Outer Shield Material
Coverage (%)
Braid SPC - Silver Plated Copper 95.000
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
FEP - Fluorinated Ethylene Propylene
Overall Cable
Overall Nominal Diameter:
2.540 mm
Mechanical Characteristics (Overall)
Operating Temperature Range:
-70°C To +200°C
Non-UL Temperature Rating:
200°C
Bulk Cable Weight:
14.882 Kg/Km
Max. Recommended Pulling Tension:
84.516 N
Min. Bend Radius/Minor Axis:
25.400 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
No
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Military Specification:
MIL-DTL-17, M17/94-RG179
RG Type:
179/U
Plenum/Non-Plenum
Plenum (Y/N):
No
Page 1 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
83264 Coax - 75 Ohm Coax


Similar Part No. - 83264

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83264 BELDEN-83264 Datasheet
141Kb / 2P
Mil-Spec Coax, 75 Ohm, RG-179, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83264-001100 BELDEN-83264-001100 Datasheet
141Kb / 2P
Mil-Spec Coax, 75 Ohm, RG-179, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83264-0011000 BELDEN-83264-0011000 Datasheet
141Kb / 2P
Mil-Spec Coax, 75 Ohm, RG-179, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
83264-001500 BELDEN-83264-001500 Datasheet
141Kb / 2P
Mil-Spec Coax, 75 Ohm, RG-179, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
11-27-2023
More results

Similar Description - 83264

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345174 ETC2-1345174 Datasheet
103Kb / 4P
RG-402/U type 19 AWG solid .036 silver-plated copper-covered steel conductor, TFE Teflon insulation
1345262 ETC2-1345262 Datasheet
96Kb / 2P
Low noise, RG-174/U Type, 26 AWG stranded (7x34) bare copper-covered steel conductor
1346517 ETC2-1346517 Datasheet
105Kb / 3P
Series 59 20 AWG solid .032 bare copper-covered steel conductor
1346614 ETC2-1346614 Datasheet
99Kb / 3P
RG-174/U type 26 AWG stranded (7x34) .019 bare copper-covered steel conductor
1351320 ETC2-1351320 Datasheet
101Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1682731 ETC2-1682731 Datasheet
104Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
1673A ETC2-1673A Datasheet
88Kb / 3P
RG-402/U type, 19 AWG solid .036 silver-plated copper-covered steel conductor
83265 ETC2-83265 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
83284 ETC2-83284 Datasheet
100Kb / 3P
26 AWG stranded (7x34) .020 silver-plated copper-covered steel conductor
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com