Electronic Components Datasheet Search
  English  ▼

X  

SC51-CF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC51-CF
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-CF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC51-CF Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
33
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Grounding Straps
Copper Ground Strap
• Ground strap used to provide a fixed and permanent connection between a copper
water pipe to a copper ground wire.
• Made of pure copper (ASTM B152-110) and brass fasteners
(ASTM B16-360 and B134-260.
• All longitudinal dimensions are based on disassembled pieces.
Galvanized Ground Strap
• Ground strap used to provide a fixed and permanent connection between a galvanized
steel pipe and a copper ground wire.
• Made of G90 galvanized steel that meets Salt Test ASTM B117.
Fasteners are made of brass, nickel plated (ASTM B16-360 and
B134-260) to create a neutral for galvanized to copper connection.
• All longitudinal dimensions are based on disassembled pieces.
Part Number
Description
Inner
Pack
Outer
Pack
SC13B-1
6.5" Strap, Fits 1/2" to 1" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
150
SC13B-2
9" Strap, Fits 1/2" to 2-1/4" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
200
SC13B-3
12" Strap, Fits 1/2" to 3" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
150
Part Number
Description
Inner
Pack
Outer
Pack
SC13BZ-1
6.5" Strap, Fits 1/2" to 1" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
150
SC13BZ-2
9" Strap, Fits 1/2" to 2-1/4" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
200
SC13BZ-3
12" Strap, Fits 1/2" to 3" Diameter Pipe to #10/12/14
AWG Copper Ground Wire
--
150
SC13BZ-4
23-3/4" strap. Fits 1/2" to 6" Diameter Pipe for #10/12/14
AWG Copper Ground Wire
--
100
Bonding &
Grounding
Hardware



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com