Electronic Components Datasheet Search
  English  ▼

X  

SC51-CF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC51-CF
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-CF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SC51-CF Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
34
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Bonding and Grounding Hardware
Mechanical - Split Bolt Connectors, Jumper Clamps
High Strength Split Bolt Connectors
Part Number
Size
Dimensions (In)
Inner
Pack
Outer
Pack
A
B
C
D
DG2
#2
0.309
0.615
0.875
1.240
100
400
DG4
#4
0.209
0.453
0.688
0.984
100
800
DG6
#6
0.165
0.413
0.625
0.906
100
800
DG8
#8
0.146
0.413
0.562
0.854
100
800
• For copper to copper connections.
• High strength corrosion resistant copper alloy for use in bonding applications.
• Highly resistant to corrosion and seasonal cracking.
• Hex design nut of high strength corrosion-resistant bronze alloy.
• Pressure bar is copper.
• UL and CSA listed.
Type K - Jumper Clamp
• For all combinations of aluminum, copper and steel conductors.
• Cast of high strength bronze alloy CDA836.
• Furnished with silicon bronze bolt and lockwasher. Lockwasher minimizes loosening
of installed clamp.
• Parallel groove design; no need to remove bolt for installation.
• Only one size for all requirements from No. 8 solid copper
to 1/0 ACSR or 2/0 copper.
Part Number Description
Inner
Pack
Outer
Pack
K1DS
Bonds 1/4" and 5/16" Strand to #6 AWG Copper Ground Wire,
Tin Plated Clamp (except for 1 wire groove) with Galvanized
Steel Bolt
100
600
K2DS
Bonds 1/4" and 5/16" Strand to #6 AWG Copper Ground Wire,
Tin Plated Clamp with Galvanized Steel Bolt
100
600
K3DS
Bonds 1/4" and 5/16" Strand to #6 AWG Copper Ground Wire,
Non-Plated Clamp with Galvanized Steel Bolt
100
600
KULDS
Bonds 1/4" and 5/16" Strand to #6 AWG Copper Ground Wire,
Tin Plated Clamp with Bronze Bolt
100
600
K1DS
KULDS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com