Electronic Components Datasheet Search
  English  ▼

X  

SC28-2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC28-2
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC28-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Span Clamps
Figure 8 Span Clamp
• Provides drop wire take offs at mid-span.
• Steel components mechanically galvanized ASTM B695.
Part
Number
Description
Material
Clamp
Range
PigTail
Diameter
Inner
Pack
Outer
Pack
28-09800 Fig 8 (.109-.134")
Plates - Aluminum
Hook - Steel
1/4"-7/16"
3/8"
--
50
28-09850 Fig 8 (.148-.250")
Plates - Aluminum
Hook - Steel
1/4"-7/16"
3/8"
--
25
Econospan Span Clamp
• Multi directional clamp for messengered and non-messengered drop cable used for
dead-end or mid-span application.
• Mechanically galvanized ASTM B695.
Part Number Description
Inner
Pack
Outer
Pack
SC03E
Clamp will Accept 1/4" (6.6MM) Steel Strand
--
100
Multi-Directional Span Clamp
• Multi-directional span clamp used for drop cables at mid-span location.
• Unique claw design locks in between steel strand lays to prevent rotation.
• Mechanically galvanized ASTM B695.
Part Number Description
Hook Load
Capacity
Inner
Pack
Outer
Pack
SC03-1
Single Pigtail Hook for 1/4" Steel Strand
400 lbs.
--
100
SC03-2
Double Pigtail Hook for 1/4" Steel Strand
400 lbs.
--
75
Drop
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com