Electronic Components Datasheet Search
  English  ▼

X  

SC28-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC28-2
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC28-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC28-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
11
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Clamps
Two Hole Clamps
• Used to support cable, conduit or pipe.
• Offset provides a grip on multi-size cable.
• Mechanically galvanized steel ASTM B695.
Part Number Description
Size
Pipe or
Cable Size
Stock Size
Hole
Diameter
Inner
Pack
Outer
Pack
25-80070
Two Hole Clamp
#7
7/16"
.048" x 1/2"
13/64"
--
600
25-80100
Two Hole Clamp
#10
5/8"
.048" x 1/2"
7/32"
--
500
25-80110
Two Hole Clamp
#11
11/16"
.062" x 5/8"
9/32"
--
250
25-80120
Two Hole Clamp
#12
3/4"
.062" x 11/16"
9/32"
--
250
25-80140
Two Hole Clamp
#14
7/8"
.062" x 11/16"
9/32"
--
250
25-80160
Two Hole Clamp
#16
1"
.080" x 3/4"
9/32"
--
300
25-80180
Two Hole Clamp
#18
1-1/8"
.080" x 3/4"
9/32"
--
300
25-80200
Two Hole Clamp
#20
1-1/4"
1/8" x 7/8"
9/32"
--
100
25-80240
Two Hole Clamp
#24
1-1/2"
1/8" x 7/8"
9/32"
--
50
25-80260
Two Hole Clamp
#26
1-5/8"
1/8" x 7/8"
9/32"
--
50
25-80300
Two Hole Clamp
#30
1-7/8"
1/8" x 7/8"
9/32"
--
50
25-80360
Two Hole Clamp
#36
2-1/4"
1/8" x 1"
11/32"
--
75
25-80400
Two Hole Clamp
#40
2-1/2"
1/8" x 1"
11/32"
--
50
25-80420
Two Hole Clamp
#42
2-5/8"
1/8" x 1"
11/32"
--
50
25-80560
Two Hole Clamp
#56
3-1/2"
1/8" x 1"
11/32"
--
50
Drop
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com