Electronic Components Datasheet Search
  English  ▼

X  

SC28-3 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SC28-3
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-3 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC28-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
17
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Cable Clips
SAXXIT® Cable Clips (Patented)
• “Galvalume” steel cable clip used on concrete, mortar, stucco or wood with a
pre-inserted, self-tapping screw or a drive pin.
Part Number
Description
Inner
Pack
Outer
Pack
SC16-19
SAXXIT Cable Clip for 6mm Cable with No. 8 x 1" Screw
1/4" Hex Head Indented "Phillips"
250
5,000
SC16-26
SAXXIT Cable Clip for 7mm Cable with No. 8 x 1" Screw
1/4" Hex Head Indented "Phillips"
250
5,000
SC16-3Q
SAXXIT Cable Clip for 8mm Cable with No. 8 x 1" Screw
1/4" Hex Head Indented "Phillips"
250
5,000
SC16-411
SAXXIT Cable Clip for 10mm Cable with No. 8 x 1" Screw
1/4" Hex Head Indented "Phillips"
250
5,000
SC16DP-19
SAXXIT Cable Clip for 6mm Cable with 1" Drive Pin
250
5,000
SC16DP-26
SAXXIT Cable Clip for 7mm Cable with 1" Drive Pin
250
5,000
SC16DP-3Q
SAXXIT Cable Clip for 8mm Cable with 1" Drive Pin
250
5,000
SAXXON® Cable Clips
• “Galvalume” steel cable clip used on wood, stucco or mortar with a 1” hardened
pre-inserted nail.
Part Number
Description
Inner
Pack
Outer
Pack
SC18-19
SAXXON Cable Clip for 6mm Cable
500
10,000
SC18-26
SAXXON Cable Clip for 7mm Cable
500
10,000
SC18-3Q
SAXXON Cable Clip for 8mm Cable
500
10,000
SC18L-26
SAXXON Cable Clip for 7mm Cable
with 1.625" Hardened Nail
300
3,600
SC18P-26BLACK
SAXXON Cable Clip for 7mm Cable, Painted Black
500
10,000
SC18P-26WHITE
SAXXON Cable Clip for 7mm Cable, Painted White
500
10,000
Drop
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com