Electronic Components Datasheet Search
  English  ▼

X  

SC28-3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC28-3
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SC28-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC28-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
12
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Brackets
Drop Wire Mast Bracket
• Mechanically galvanized steel ASTM B695.
• Mast capacity 2-1/2” to 3” diameter.
House Bracket
• Multi-dwelling drop cable bracket.
• Attach to building with drive screws or wood screws (1/4” dia.).
• Attach insulator in 7/16” dia. mounting hole.
• Mechanically galvanized steel ASTM B695.
Corner Wall Bracket
• Corner wall bracket used to dead-end a messenger drop cable or a steel strand at the
building.
• Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
40-00540
Drop Wire Mast Bracket
--
50
Part Number
Description
Inner
Pack
Outer
Pack
40-00200
House Bracket
1-3/4" Wide x 3-1/2" High x 3" Horizontal Leg
--
50
Part Number
Description
Inner
Pack
Outer
Pack
SC53-2
For Messengered Drop Cable with .051" to .072"
Steel Messenger Wire
--
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com