Electronic Components Datasheet Search
  English  ▼

X  

COP688CL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688CL
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 11Page - National Semiconductor (TI) COP688CL Datasheet HTML 12Page - National Semiconductor (TI) COP688CL Datasheet HTML 13Page - National Semiconductor (TI) COP688CL Datasheet HTML 14Page - National Semiconductor (TI) COP688CL Datasheet HTML 15Page - National Semiconductor (TI) COP688CL Datasheet HTML 16Page - National Semiconductor (TI) COP688CL Datasheet HTML 17Page - National Semiconductor (TI) COP688CL Datasheet HTML 18Page - National Semiconductor (TI) COP688CL Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Timers (Continued)
TLDD9766 – 11
FIGURE 6 Timers
TIMER T0 (IDLE TIMER)
The device supports applications that require maintaining
real time and low power with the IDLE mode This IDLE
mode support is furnished by the IDLE timer T0 which is a
16-bit timer The Timer T0 runs continuously at the fixed
rate of the instruction cycle clock tc The user cannot read
or write to the IDLE Timer T0 which is a count down timer
The Timer T0 supports the following functions
Exit out of the Idle Mode (See Idle Mode description)
WATCHDOG logic (See WATCHDOG description)
Start up delay out of the HALT mode
The IDLE Timer T0 can generate an interrupt when the thir-
teenth bit toggles This toggle is latched into the T0PND
pending flag and will occur every 4 ms at the maximum
clock frequency (tc e 1 ms) A control flag T0EN allows the
interrupt from the thirteenth bit of Timer T0 to be enabled or
disabled Setting T0EN will enable the interrupt while reset-
ting it will disable the interrupt
TIMER T1 AND TIMER T2
The device has a set of two powerful timercounter blocks
T1 and T2 The associated features and functioning of a
timer block are described by referring to the timer block Tx
Since the two timer blocks T1 and T2 are identical all com-
ments are equally applicable to either timer block
Each timer block consists of a 16-bit timer Tx and two
supporting 16-bit autoreloadcapture registers RxA and
RxB Each timer block has two pins associated with it TxA
and TxB The pin TxA supports IO required by the timer
block while the pin TxB is an input to the timer block The
powerful and flexible timer block allows the device to easily
perform all timer functions with minimal software overhead
The timer block has three operating modes Processor Inde-
pendent PWM mode External Event Counter mode and
Input Capture mode
The control bits TxC3 TxC2 and TxC1 allow selection of
the different modes of operation
Mode 1 Processor Independent PWM Mode
As the name suggests this mode allows the device to gen-
erate a PWM signal with very minimal user intervention
The user only has to define the parameters of the PWM
signal (ON time and OFF time) Once begun the timer block
will continuously generate the PWM signal completely inde-
pendent of the microcontroller The user software services
the timer block only when the PWM parameters require up-
dating
In this mode the timer Tx counts down at a fixed rate of tc
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers RxA and RxB The very
first underflow of the timer causes the timer to reload from
the register RxA Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register RxB
The Tx Timer control bits TxC3 TxC2 and TxC1 set up the
timer for PWM mode operation
Figure 7 shows a block diagram of the timer in PWM mode
http
www nationalcom
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com