Electronic Components Datasheet Search
  English  ▼

X  

2SC5811 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5811
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5811 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5811 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5811 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5811 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5811
No.7415-2/3
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
5
4
3
2
9
8
7
6
0
0
コレクタ・エミッタ 電圧, VCE -- V
IC -- VCE
IT03895
IT03896
12
56
34
789
10
0
ベース・エミッタ電圧, VBE -- V
IC -- VBE
1
3
5
7
2
4
6
8
9
IB=0
0.1A
0.2A
0.4A
0.6A
0.8A
1.0A
1.2A
1.4A
1.6A
1.8A
2.0A
VCE=5V
0.1
1.0
23
5
7
23
5
7
10
IT03897
IT03898
コレクタ電流, IC -- A
hFE -- IC
0.1
23
5
7
1.0
23
5
7
10
1.0
100
10
2
3
5
7
2
3
5
7
コレクタ電流, IC -- A
VCE(sat) -- IC
0.01
0.1
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
Ta=120
°C
25°C
--40°C
Ta=120
°C
25°
C
VCE=5V
IC / IB=5
--40°
C
前ページより続く。
min
typ
max
unit
コレクタ・エミッタ飽和電圧
VCE(sat)
IC=4A, IB=1A
3.0
V
ベース・エミッタ飽和電圧
VBE(sat)
IC=4A, IB=1A
1.5
V
コレクタ・エミッタ降伏電圧
V(BR)CEO IC=10mA, RBE=∞
800
V
蓄積時間
tstg
IC=3A, IB1=0.5A, IB2= − 1.5A
3.0
µs
下降時間
tf
IC=3A, IB1=0.5A, IB2= − 1.5A
0.2
µs
スイッチングタイム測定回路図
VR
RB
VCC=200V
VBE= --2V
+
+
50
Ω
INPUT
OUTPUT
RL=66.7Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≦1%
IB2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com