Electronic Components Datasheet Search
  English  ▼

X  

AD1836 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1836
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1836 Datasheet HTML 3Page - Analog Devices AD1836 Datasheet HTML 4Page - Analog Devices AD1836 Datasheet HTML 5Page - Analog Devices AD1836 Datasheet HTML 6Page - Analog Devices AD1836 Datasheet HTML 7Page - Analog Devices AD1836 Datasheet HTML 8Page - Analog Devices AD1836 Datasheet HTML 9Page - Analog Devices AD1836 Datasheet HTML 10Page - Analog Devices AD1836 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
AD1836
–7–
PIN FUNCTION DESCRIPTIONS
PIN
No.
Mnemonic
In/Out
Description
1, 40
DVDD
I
Digital Power Supply. Connect to digital 5 V supply.
2
CDATA
I
Serial Control Input
3
PD/RST
I
Power-Down Reset
4
OUTLP3
O
DAC 3 (Left) Positive Output
5
OUTLN3
O
DAC 3 (Left) Negative Output
6
OUTLP2
O
DAC 2 (Left) Positive Output
7
OUTLN2
O
DAC 2 (Left) Negative Output
8
OUTLP1
O
DAC 1 (Left) Positive Output
9
OUTLN1
O
DAC 1 (Left) Negative Output
10, 15
AVDD
I
Analog Power Supply. Connect to analog 5 V.
11, 14, 28, 29
AGND
I
Analog Ground
12
FILTD
I
Filter Capacitor Connection. Recommend 10
µF//100 nF.
13
FILTR
I
Voltage Reference Filter Capacitor Connection. Recommend 10
µF//100 nF.
16
ADC1INLP
I
ADC1 Left Positive Input
17
ADC1INLN
I
ADC1 Left Negative Input
18
ADC1INRP
I
ADC1 Right Positive Input
19
ADC1INRN
I
ADC1 Right Negative Input
20
ADC2INL+/CAPL2
I
ADC2 Left Positive Input (Direct Mode)/ADC2 Left Decoupling Cap
(MUX/PGA and PGA Differential Mode)
21
ADC2INL–/CAPL1
I
ADC2 Left Negative Input (Direct Mode)/ADC2 Left Decoupling Cap
(MUX/PGA and PGA Differential Mode)
22
ADC2INL1
I
ADC2 Left Input 2 (MUX/PGA Mode)/Left Positive Input (PGA Differ-
ential Mode)
23
ADC2INL2
I
ADC2 Left Input 1 (MUX/PGA Mode)/Left Negative Input (PGA Differ-
ential Mode)
24
ADC2INR2
I
ADC2 Right Input 1 (MUX/PGA Mode)/Right Negative Input (PGA
Differential Mode)
25
ADC2INR1
I
ADC2 Right Input 2 (MUX/PGA Mode)/Right Positive Input (PGA
Differential Mode)
26
ADC2INR–/CAPR1
I
ADC2 Right Negative Input (Direct Mode)/ADC2 Right Decoupling Cap
(MUX/PGA and PGA Differential Mode)
27
ADC2INR+/CAPR2
I
ADC2 Right Positive Input (Direct Mode)/ADC2 Right Decoupling Cap
(MUX/PGA and PGA Differential Mode)
30
OUTRN1
O
DAC 1 (Right) Negative Output
31
OUTRP1
O
DAC 1 (Right) Positive Output
32
OUTRN2
O
DAC 2 (Right) Negative Output
33
OUTRP2
O
DAC 2 (Right) Positive Output
34
OUTRN3
O
DAC 3 (Right) Negative Output
35
OUTRP3
O
DAC 3 (Right) Positive Output
36
DLRCLK
I/O
LR Clock for DACs
37
DBCLK
I/O
Bit Clock for DACs
38
DSDATA1
I
DAC Input #1 (Input to DAC1 and DAC2)
39, 52
DGND
I
Digital Ground
41
DSDATA2
I
DAC Input #2 (Input to DAC3 and DAC4)
42
DSDATA3
I
DAC Input #3 (Input to DAC5 and DAC6)
43
ABCLK
O
Bit Clock for ADCs
44
ALRCLK
O
LR Clock for ADCs
45
MCLK
I
Master Clock Input
46
ODVDD
I
Digital Output Driver Power Supply
47
ASDATA1
O
ADC Serial Data Output #1
48
ASDATA2
O
ADC Serial Data Output #2
49
COUT
O
Output for Control Data
50
CLATCH
I
Latch Input for Control Data
51
CCLK
I
Control Clock Input for Control Data
52
DGND
I
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com