Electronic Components Datasheet Search
  English  ▼

X  

AD1836 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1836
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836 Datasheet(HTML) 4 Page - Analog Devices

  AD1836 Datasheet HTML 1Page - Analog Devices AD1836 Datasheet HTML 2Page - Analog Devices AD1836 Datasheet HTML 3Page - Analog Devices AD1836 Datasheet HTML 4Page - Analog Devices AD1836 Datasheet HTML 5Page - Analog Devices AD1836 Datasheet HTML 6Page - Analog Devices AD1836 Datasheet HTML 7Page - Analog Devices AD1836 Datasheet HTML 8Page - Analog Devices AD1836 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
–4–
AD1836–SPECIFICATIONS
TIMING (continued)
Parameter
Min
Max
Unit
Comments
ADC Serial Port
Normal Modes
tABH
ABCLK Delay High
max
ns
From MCLK Rising
256
× f
S
512
× fS
768
× fS
tABL
ABCLK Delay Low
max
ns
From MCLK Rising
256
× fS
512
× fS
768
× f
S
tALS
LRCLK Delay
max
ns
From ABCLK Falling
tABDD
ASDATA Delay
max
ns
From ABCLK Falling
tALRDD
ASDATA Delay
max
ns
From ALRCLK Changing
(Left-Justified)
Packed 128, 256 Modes
tABH
ABCLK Delay High
max
ns
From MCLK Rising
256
× fS
512
× fS
768
× f
S
tABL
ABCLK Delay Low
max
ns
From MCLK Rising
256
× fS
512
× f
S
768
× fS
tALS
LRCLK Delay
max
ns
From ABCLK Falling
tABDD
ASDATA Delay
max
ns
From ABCLK Falling
tALRDD
ASDATA Delay
max
ns
From ALRCLK Changing
(Left-Justified)
TDM PACKED AUX, MASTER MODE
tABH
ABCLK Delay High
max
ns
From MCLK Rising
256
× fS
512
× fS
768
× f
S
tABL
ABCLK Delay Low
max
ns
From MCLK Rising
256
× fS
512
× f
S
768
× fS
tXBH
AUXBCLK Delay High
max
ns
From MCLK Rising
256
× f
S
512
× fS
768
× fS
tXBL
AUXBCLK Delay Low
max
ns
From MCLK Rising
256
× fS
512
× fS
768
× f
S
tALS
LRCLK Delay
max
ns
From ABCLK Falling
tXLS
AUXLRCLK Delay
max
ns
From ABCLK Falling
tABDD
ASDATA Delay
max
ns
From ABCLK Falling
tALRDD
ASDATA Delay
max
ns
From ALRCLK Changing
(Left-Justified)
tDDS
AAUXDATA Setup
min
ns
To AUXBCLK Rising
tDDH
AAUXDATA Hold
min
ns
From AUXBCLK Rising
tDDS
DSDATA Setup
min
ns
To DBCLK Rising
tDDH
DSDATA Hold
min
ns
From DBCLK Rising
tDXDD
DAUXDATA Delay
max
ns
From AUXBCLK Falling
tDXDD
DAUXDATA Delay
max
ns
From AUXLRCLK Changing
(Left-Justified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com