Electronic Components Datasheet Search
  English  ▼

X  

AD8029 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8029
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8029 Datasheet HTML 5Page - Analog Devices AD8029 Datasheet HTML 6Page - Analog Devices AD8029 Datasheet HTML 7Page - Analog Devices AD8029 Datasheet HTML 8Page - Analog Devices AD8029 Datasheet HTML 9Page - Analog Devices AD8029 Datasheet HTML 10Page - Analog Devices AD8029 Datasheet HTML 11Page - Analog Devices AD8029 Datasheet HTML 12Page - Analog Devices AD8029 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 9 of 20
FREQUENCY (MHz)
03679-0-016
0.01
0.1
10
1
–105
–95
–85
–75
–65
–55
–45
–35
G = +1
VOUT = 2V p-p
RL = 1kΩ
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
VS = ±5V
Figure 19. Harmonic Distortion vs. Frequency and Supply Voltage
03679-A-015
–80
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
–75
–70
–65
–60
–55
–50
–45
–40
OUTPUT AMPLITUDE (V p-p)
G = +2
FREQ = 1MHz
RF = 1kΩ
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
VS = +10V
Figure 20. Harmonic Distortion vs. Output Amplitude
FREQUENCY (MHz)
0.01
0.1
1
10
–110
–100
–90
–80
–70
–60
–50
–40
–30
03679-A-016
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +5V
VOUT = 2.0V p-p
RL = 1kΩ
RF = 1kΩ
G = +2
G = +1
G = –1
Figure 21. Harmonic Distortion vs. Frequency and Gain
FREQUENCY (MHz)
0.01
0.1
1
10
–110
–100
–90
–80
–70
–60
–50
–40
03679-0-075
G = +1
VOUT = 2V p-p
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
RL = 1kΩ
RL = 2kΩ
RL = 5kΩ
Figure 22. Harmonic Distortion vs. Frequency and Load
INPUT COMMON-MODE VOLTAGE (V)
03679-0-020
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–100
–90
–80
–70
–60
–50
–40
G = +1
VOUT = 2V p-p
FREQ = 1MHz
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
VS = +3V
VS = +5V
Figure 23. Harmonic Distortion vs. Input Common Mode Voltage
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
1
10
100
1000
0.1
1
10
100
03679-0-069
VOLTAGE NOISE
CURRENT NOISE
Figure 24. Voltage and Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com