Electronic Components Datasheet Search
  English  ▼

X  

AD8029 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8029
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8029 Datasheet HTML 11Page - Analog Devices AD8029 Datasheet HTML 12Page - Analog Devices AD8029 Datasheet HTML 13Page - Analog Devices AD8029 Datasheet HTML 14Page - Analog Devices AD8029 Datasheet HTML 15Page - Analog Devices AD8029 Datasheet HTML 16Page - Analog Devices AD8029 Datasheet HTML 17Page - Analog Devices AD8029 Datasheet HTML 18Page - Analog Devices AD8029 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 15 of 20
THEORY OF OPERATION
03679-0-051
IN–
IN+
R5 R6 R7 R8
R1 R2
R3 R4
MTOP
ITAIL
MBOT
OUTPUT
BUFFER
–VS
RTH
ITH
+VS –1.2V
+VS
VOUT
Q10
Q11
CMT
CMB
–VS
AD8029 ONLY
TO DISABLE
CIRCUITRY
DISABLE
Q3
Q4
Q2
Q1
Q9
Q8
Q7
Q6
Q5
OUT
IN
COM
SPD
Figure 50. Simplified Schematic
The AD8029 (single), AD8030 (dual), and AD8040 (quad) are
rail-to-rail input and output amplifiers fabricated using Analog
Devices’ XFCB process. The XFCB process enables the AD8029/
AD8030/AD8040 to operate on 2.7 V to 12 V supplies with a
120 MHz bandwidth and a 60 V/µs slew rate. A simplified sche-
matic of the AD8029/AD8030/AD8040 is shown in Figure 50.
INPUT STAGE
For input common-mode voltages less than a set threshold
(1.2 V below VCC), the resistor degenerated PNP differential pair
(comprising Q1 toQ4) carries the entire ITAIL current, allowing
the input voltage to go 200 mV below –VS. Conversely, input
common-mode voltages exceeding the same threshold cause
ITAIL to be routed away from the PNP differential pair and into
the NPN differential pair through transistor Q9. Under this
condition, the input common-mode voltage is allowed to rise
200 mV above +VS while still maintaining linear amplifier
behavior. The transition between these two modes of operation
leads to a sudden, temporary shift in input stage transconduc-
tance, gm, and dc parameters (such as the input offset voltage
VOS), which in turn adversely affect the distortion performance.
The SPD block shortens the duration of this transition, thus
improving the distortion performance. As shown in Figure 50,
the input differential pair is protected by a pair of two series
diodes, connected in anti-parallel, which clamp the differential
input voltage to approximately ±1.5 V.
OUTPUT STAGE
The currents derived from the PNP and NPN input differential
pairs are injected into the current mirrors MBOT and MTOP, thus
establishing a common-mode signal voltage at the input of the
output buffer.
The output buffer performs three functions:
1.
It buffers and applies the desired signal voltage to the
output devices, Q10 and Q11.
2.
It senses the common-mode current level in the output
devices.
3.
It regulates the output common-mode current by
establishing a common-mode feedback loop.
The output devices Q10 and Q11 work in a common-emitter
configuration, and are Miller-compensated by internal
capacitors, CMT and CMB.
The output voltage compliance is set by the output devices’
collector resistance RC (about 25 Ω), and by the required load
current IL. For instance, a light equivalent load (5 kΩ) allows the
output voltage to swing to within 40 mV of either rail, while
heavier loads cause this figure to deteriorate as RC × IL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com