Electronic Components Datasheet Search
  English  ▼

X  

AD8330 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8330
Description  Low Cost DC-150 MHz Variable Gain Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8330 Datasheet HTML 14Page - Analog Devices AD8330 Datasheet HTML 15Page - Analog Devices AD8330 Datasheet HTML 16Page - Analog Devices AD8330 Datasheet HTML 17Page - Analog Devices AD8330 Datasheet HTML 18Page - Analog Devices AD8330 Datasheet HTML 19Page - Analog Devices AD8330 Datasheet HTML 20Page - Analog Devices AD8330 Datasheet HTML 21Page - Analog Devices AD8330 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. A
–18–
AD8330
Offset Compensation
The AD8330 includes an offset compensation feature, which is
operational in the default condition (no connection to pin OFST).
This loop introduces a high-pass filter function into the signal
path, whose –3 dB corner frequency is at:
fHPF = ()
1
2
π RC
INT
HP
(11)
where CHP is the external capacitance added from OFST to CNTR,
and RINT is an internal resistance of approximately 480
Ω, having a
maximum uncertainty of about
±20%. This evaluates to:
fHPF ≈
µ
µ
()
330
C
Cin F
HP
HP
(12)
A small amount of peaking at this corner when using small capacitor
values can be avoided by adding a series resistor. Useful combina-
tions are CHP = 3 nF, RHP = 180
Ω , f = 100 kHz; C
HP = 33 nF,
RHP = 10
Ω, f = 10 kHz; CHP = 0.33 µF, RHP = 0 Ω, f = 1 kHz;
CHP = 3.3
µF, RHP = 0 Ω , f = 100 Hz.
The offset compensation feature can be disabled simply by ground-
ing the OFST pin. This provides a dc-coupled signal path, with
no other effects on the overall ac response. Input offsets must be
externally nulled in this mode of operation, as shown in Figure 15.
Effects of Loading on Gain and AC Response
The differential output impedance RO is 150
Ω and the frequency
response of the output stage is optimized for operation with a certain
load capacitance on each output pin, OPHI and OPLO, to
ground, in combination with a load resistance RL directly across
these pins. In the absence of these capacitances, there will be a
small amount of peaking at the top extremity of the ac response.
Suitable combinations are: RL =
∞, C
L = 12 pF; RL = 150
Ω,
CL = 25 pF; RL = 75
Ω, CL = 40 pF; RL = 50 Ω, CL = 50 pF.
The gain calibration is specified for an open-circuited load, such
as the high input resistance of an ADC. When resistively loaded,
all gain values are nominally lowered as follows:
G
G
LOADED
UNLOADED
=
+
()
R
R
L
L
150
Ω
(13)
Thus when RL = 150
Ω, the gain is reduced by 6 dB; for RL = 75 Ω,
the reduction is 9.5 dB; and for RL = 50
Ω, it is 12 dB.
Gain Errors Due to On-Chip Resistor Tolerances
In all cases where external resistors are used, keep in mind that all
on-chip resistances, including the RO and the input resistance,
RI, are subject to variances of up to
±20%, which will need to
be accounted for when calculating the gain with input and output
loading. This sensitivity can be avoided by adjusting the source
and load resistances to bear an inverse relationship as follows:
If RS =
αRI then make RL = RO /α; or, if RL = αRO then make
RS = RI /
α. The simplest case is when RS = 1 kΩ and RL = 150 Ω.
Here the gain is 12 dB lower than the basic value. The reduction
of peak swing at the load can be corrected by using VMAG = 1 V,
which also restores 6 dB of gain; using VMAG = 2 V restores the
full basic gain while also doubling the peak available output swing.
Output (Input) Common-Mode Control
The output voltages are nominally positioned at the midpoint of
the supply, VS/2, over the range 2.7 V < VS < 6 V, and this voltage
appears at pin CNTR, which is not normally expected to be
loaded (the source resistance is ~4 k
Ω). However, some circum-
stances may require a small change in this voltage, and a resistor
from CNTR to ground can lower this voltage, or one to the supply
will raise it. On the other hand, this pin may be driven by an
external voltage source to set the common-mode level, to satisfy
the needs of a following ADC, for example. Any value from 0.5 V
above ground to 0.5 V below the supply is permissible. Of
course, when using an extreme common-mode level, the avail-
able output swing will be limited, and it is recommended that a
value equal or close to the default of VCNTR = VS/2 be used. There
may be a few millivolts of offset between the applied voltage and the
actual common-mode level at the output pins.
The input common-mode voltage VCMI at pins INHI, INLO is
slaved to the output, but with a shifted value:
V
CMI
=+
0 757
1 12
..
VV
CNTR
(14)
for VDBS = 0.75 and T = 25
°C. Thus, the default value for V
CMI
when VS = 5 V is 3.01 V (see Figure 12).
USING THE AD8330
There are very few precautions that need to be observed in apply-
ing the AD8330 to a wide variety of circumstances. A selection
of specific applications is presented later. Here we discuss a few
general aspects of utilization.
As in all high frequency circuits, careful observation of the ground
nodes associated with each function is important. Three positive
supply pins are provided. VPSI supports the input circuitry, which
may often be operating at a relatively high sensitivity; VPOS,
which supports general bias sources, needs no decoupling; VPSO
is used to bias the output stage, where decoupling may be useful
in maintaining a glitch-free output. Figure 14 shows the general
case, where VPSI and VPSO are each provided with their own
decoupling network, but this may not be needed in all cases.
Because of the differential nature of the signal path, power-supply
decoupling is in general much less critical than in a single-sided
amplifier, and where the minimization of board-level components
is especially crucial, it may be found that these pins need no
decoupling at all. On the other hand, when the signal source is
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
ENBL
CNTR
VPOS
BIAS AND
V-REF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
OUTPUT,
2V MAX
NC
BASIC GAIN BIAS
VDBS: 0V TO 1.5V
RD1
CHPF
CD2
CD1
CD3
RD2
GROUND
VS 2.7V–6V
INPUT,
0V TO 2V MAX
NC
Figure 14. Power Supply Decoupling and Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com