Electronic Components Datasheet Search
  English  ▼

X  

AD8030 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8030
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8030 Datasheet HTML 12Page - Analog Devices AD8030 Datasheet HTML 13Page - Analog Devices AD8030 Datasheet HTML 14Page - Analog Devices AD8030 Datasheet HTML 15Page - Analog Devices AD8030 Datasheet HTML 16Page - Analog Devices AD8030 Datasheet HTML 17Page - Analog Devices AD8030 Datasheet HTML 18Page - Analog Devices AD8030 Datasheet HTML 19Page - Analog Devices AD8030 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 18 of 20
CIRCUIT CONSIDERATIONS
PCB Layout
High speed op amps require careful attention to PCB layout to
achieve optimum performance. Particular care must be
exercised to minimize lead lengths of the bypass capacitors.
Excess lead inductance can influence the frequency response
and even cause high frequency oscillations. Using a multilayer
board with an internal ground plane can help reduce ground
noise and enable a more compact layout.
To achieve the shortest possible trace length at the inverting
input, the feedback resistor, RF, should be located the shortest
distance from the output pin to the input pin. The return node
of the resistor RG should be situated as close as possible to the
return node of the negative supply bypass capacitor.
On multilayer boards, all layers beneath the op amp should be
cleared of metal to avoid creating parasitic capacitive elements.
This is especially true at the summing junction, i.e., the inver-
ting input, –IN. Extra capacitance at the summing junction can
cause increased peaking in the frequency response and lower
phase margin.
Grounding
To minimize parasitic inductances and ground loops in high
speed, densely populated boards, a ground plane layer is critical.
Understanding where the current flows in a circuit is critical in
the implementation of high speed circuit design. The length of
the current path is directly proportional to the magnitude of the
parasitic inductances and thus the high frequency impedance of
the path. Fast current changes in an inductive ground return
will create unwanted noise and ringing.
The length of the high frequency bypass capacitor pads and
traces is critical. A parasitic inductance in the bypass grounding
works against the low impedance created by the bypass
capacitor. Because load currents flow from supplies as well as
from ground, the load should be placed at the same physical
location as the bypass capacitor ground. For large values of
capacitors, which are intended to be effective at lower
frequencies, the current return path length is less critical.
Power Supply Bypassing
Power supply pins are actually inputs to the op amp. Care must
be taken to provide the op amp with a clean, low noise dc
voltage source.
Power supply bypassing is employed to provide a low imped-
ance path to ground for noise and undesired signals at all
frequencies. This cannot be achieved with a single capacitor
type; but with a variety of capacitors in parallel the bandwidth
of power supply bypassing can be greatly extended. The bypass
capacitors have two functions:
1.
Provide a low impedance path for noise and undesired
signals from the supply pins to ground.
2.
Provide local stored charge for fast switching conditions
and minimize the voltage drop at the supply pins during
transients. This is typically achieved with large electrolytic
capacitors.
Good quality ceramic chip capacitors should be used and
always kept as close as possible to the amplifier package. A
parallel combination of a 0.1 µF ceramic and a 10 µF electrolytic
covers a wide range of rejection for unwanted noise. The 10 µF
capacitor is less critical for high frequency bypassing and, in
most cases, one per supply line is sufficient. The values of
capacitors are circuit-dependant and should be determined by
the system’s requirements.
DESIGN TOOLS AND TECHNICAL SUPPORT
Analog Devices is committed to the design process by providing
technical support and online design tools. ADI offers technical
support via free evaluation boards, sample ICs, Spice models,
interactive evaluation tools, application notes, phone and email
support—all available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com