Electronic Components Datasheet Search
  English  ▼

X  

AD8030 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8030
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8030 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8030 Datasheet HTML 12Page - Analog Devices AD8030 Datasheet HTML 13Page - Analog Devices AD8030 Datasheet HTML 14Page - Analog Devices AD8030 Datasheet HTML 15Page - Analog Devices AD8030 Datasheet HTML 16Page - Analog Devices AD8030 Datasheet HTML 17Page - Analog Devices AD8030 Datasheet HTML 18Page - Analog Devices AD8030 Datasheet HTML 19Page - Analog Devices AD8030 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 20 of 20
ORDERING GUIDE
Model
Minimum Ordering Quantity
Temperature Range
Package Description
Package Option
Branding
AD8029AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8029AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8029AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8029AKS-R2
250
–40°C to +125°C
6-Lead SC70
KS-6
H6B
AD8029AKS-REEL
10,000
–40°C to +125°C
6-Lead SC70
KS-6
H6B
AD8029AKS-REEL7
3,000
–40°C to +125°C
6-Lead SC70
KS-6
H6B
AD8030AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8030AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8030AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8030ARJ-R2
250
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8030ARJ-REEL
10,000
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8030ARJ-REEL7
3,000
–40°C to +125°C
8-Lead SOT23-8
RJ-8
H7B
AD8040AR
1
–40°C to +125°C
14-Lead SOIC
R-14
AD8040AR-REEL
2500
–40°C to +125°C
14-Lead SOIC
R-14
AD8040AR-REEL7
1000
–40°C to +125°C
14-Lead SOIC
R-14
AD8040ARU
1
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040ARU-REEL
2500
–40°C to +125°C
14-Lead TSSOP
RU-14
AD8040ARU-REEL7
1000
–40°C to +125°C
14-Lead TSSOP
RU-14
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03679–0–11/03(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com