Electronic Components Datasheet Search
  English  ▼

X  

AP1084 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084 Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1084 Datasheet HTML 2Page - Anachip Corp AP1084 Datasheet HTML 3Page - Anachip Corp AP1084 Datasheet HTML 4Page - Anachip Corp AP1084 Datasheet HTML 5Page - Anachip Corp AP1084 Datasheet HTML 6Page - Anachip Corp AP1084 Datasheet HTML 7Page - Anachip Corp AP1084 Datasheet HTML 8Page - Anachip Corp AP1084 Datasheet HTML 9Page - Anachip Corp AP1084 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
7/10
Marking Information
Logo
Part Number
1084
for ADJ
84-VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5V
YY : Year
WW: Nth week
X
: Internal code ( Optional)
( Top View)
84-VV
YYWWX X
Blank: normal
L: Lead Free Package
(TO252-3L)
Logo
Part Number
VV : 15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
50 for 5V
Blank for ADJ
YY : Year
WW: Nth week
X
: Internal code ( Optional)
( Top View)
1084-VV
YYWWX X
Blank: normal
L: Lead Free Package
(TO220-3L / TO263-3L)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com