Electronic Components Datasheet Search
  English  ▼

X  

AP1084 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084 Datasheet(HTML) 1 Page - Anachip Corp

  AP1084 Datasheet HTML 1Page - Anachip Corp AP1084 Datasheet HTML 2Page - Anachip Corp AP1084 Datasheet HTML 3Page - Anachip Corp AP1084 Datasheet HTML 4Page - Anachip Corp AP1084 Datasheet HTML 5Page - Anachip Corp AP1084 Datasheet HTML 6Page - Anachip Corp AP1084 Datasheet HTML 7Page - Anachip Corp AP1084 Datasheet HTML 8Page - Anachip Corp AP1084 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Aug.27, 2004
1/10
Features
•
1.4V maximum dropout at full load current
•
Built-in thermal shutdown
•
Output current limiting
•
Adjustable output voltage or fixed 1.5V, 1.8V, 2.5V,
3.3V, 5.0V
•
Fast transient response
•
Good noise rejection
•
Package : TO252, TO263, TO220
Ordering Information
General Description
AP1084 is a low dropout positive adjustable or fixed-
mode regulator with minimum of 5.0A output current
capability. The product is specifically designed to
provide well-regulated supply for low voltage IC
applications such as high-speed bus termination and
low current 3.3V logic supply. AP1084 is also well
suited for other applications such as VGA cards.
AP1084 is guaranteed to have lower than 1.4V
dropout at full load current making it ideal to provide
well-regulated outputs of 1.25 to 3.3V with 4.7 to
12V input supply.
AP1084 X X X X
Low Dropout Regulator
Package
Vout
D : TO252-3L
K : TO263-3L
T : TO220-3L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
Blank : Tube
A : Taping
Lead Free
Blank : Normal
L : Lead Free Package
Typical Circuit
5.0V to 3.3V Fixed Mode Regulator
C2
100uF
5V
3.3V/5A
Tab is Vout
Vin
Vout
GND
C1
100uF
Adjustable Regulator
R1
R2
C2
100uF
5V
2.5V/5A
Tab is Vout
Vin
Vout
Adj
C1
100uF
121
121
Ω
Ω
)
1
2
REF
o
R
R
(1
V
V
+
∗
=
Note:


Similar Part No. - AP1084

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
AP1084 DIODES-AP1084 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
AP1084D DIODES-AP1084D Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084D ANACHIP-AP1084D Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D15 ANACHIP-AP1084D15 Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com