Electronic Components Datasheet Search
  English  ▼

X  

COP820 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 27Page - National Semiconductor (TI) COP820 Datasheet HTML 28Page - National Semiconductor (TI) COP820 Datasheet HTML 29Page - National Semiconductor (TI) COP820 Datasheet HTML 30Page - National Semiconductor (TI) COP820 Datasheet HTML 31Page - National Semiconductor (TI) COP820 Datasheet HTML 32Page - National Semiconductor (TI) COP820 Datasheet HTML 33Page - National Semiconductor (TI) COP820 Datasheet HTML 34Page - National Semiconductor (TI) COP820 Datasheet HTML 35Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Development Tools Support (Continued)
TOOLS ORDERING NUMBERS FOR THE COP820CJ/COP840CJ FAMILY DEVICES
Vendor
Tools
Order Number
Cost
Notes
National
COP8-NSEVAL
COP8-NSEVAL
Free
Web site download
COP8-NSASM
COP8-NSASM
Free
Included in EPU and DM. Web site download
COP8-MLSIM
COP8-MLSIM
Free
Included in EPU and DM. Web site download
COP8-NSDEV
COP8-NSDEV
VL
Included in EPU and DM. Order CD from website
COP8-EPU
Not available for this device
COP8-DM
Contact MetaLink
Development
Devices
COP87L20/40CJxx
COP87L22/42CJxx
VL
4k or 32k OTP devices. No windowed devices
OTP
Programming
Adapters
COP8SA-PGMA
L
For programming 16/20/28 SOIC and 44 PLCC on the
EPU
COP8-PGMA-44QFP
L
For programming 44QFP on any programmer
COP8-PGMA-28CSP
L
For programming 28CSP on any programmer
COP8-PGMA-28SO
VL
For programming 16/20/28 SOIC on any programmer
IM-COP8
Contact MetaLink
MetaLink COP8-EPU
Not available for this device
COP8-DM
DM4-COP8-840CJ (10
MHz), plus PS-10, plus
DM-COP8/xxx (ie. 28D)
M
Included p/s (PS-10), target cable of choice (DIP or
PLCC; i.e. DM-COP8/28D), 16/20/28/40 DIP/SO and
44 PLCC programming sockets. Add OTP adapter (if
needed) and target adapter (if needed)
DM Target
Adapters
MHW-CONVxx (xx = 33,
34 etc.)
L
DM target converters for
16DIP/20/SO/28SO/44QFP/28CSP; (MHW-CNV38 for
20 pin DIP to SO package converter)
OTP
Programming
Adapters
MHW-COP8-PGMA-DS
L
For programming 16/20/28 SOIC and 44 PLCC on the
EPU
IM-COP8
IM-COP8-AD-464 (-220)
(10 MHz maximum)
H
Base unit 10 MHz; -220 = 220V; add probe card
(required) and target adapter (if needed); included
software and manuals
PC-840CJxxDW-AD-10
(xx=20or28)
M
10 MHz 20 or 28 DIP probe card; 2.5V to 6.0V
IM Probe Target
Adapter
MHW-SOICxx (xx = 16,
20, 28)
L
16 or 20 or 28 pin SOIC adapter for probe card
ICU or
National
COP8-EVAL-ICUxx Not available for this device
KKD
WCOP8-IDE
WCOP8-IDE
VL
Included in EPU and DM
IAR
EWCOP8-xx
See summary above
L - H
Included all software and manuals
Byte
Craft
COP8C
COP8C
M
Included all software and manuals
Aisys
DriveWay COP8
DriveWay COP8
L
Included all software and manuals
OTP Programmers
Contact vendors
L - H
For approved programmer listings and vendor
information, go to our OTP support page at:
www.national.com/cop8
Cost: Free; VL =< $100; L = $100 - $300; M = $300 - $1k; H = $1k - $3k; VH = $3k - $5k
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com