Electronic Components Datasheet Search
  English  ▼

X  

COP820 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP820
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP820 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP820 Datasheet HTML 11Page - National Semiconductor (TI) COP820 Datasheet HTML 12Page - National Semiconductor (TI) COP820 Datasheet HTML 13Page - National Semiconductor (TI) COP820 Datasheet HTML 14Page - National Semiconductor (TI) COP820 Datasheet HTML 15Page - National Semiconductor (TI) COP820 Datasheet HTML 16Page - National Semiconductor (TI) COP820 Datasheet HTML 17Page - National Semiconductor (TI) COP820 Datasheet HTML 18Page - National Semiconductor (TI) COP820 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Reset (Continued)
The user must set the BUSY flag immediately upon entering
the Slave mode. This will ensure that all data bits sent by the
Master will be shifted properly. After eight clock pulses the
BUSY flag will be cleared and the sequence may be re-
peated. (See
Figure 7).
TABLE 5.
G4
G5
G4
G5
G6
Config. Config.
Fun.
Fun.
Fun.
Operation
Bit
Bit
1
1
SO
Int.
SK
SI
MICROWIRE
Master
0
1
TRI-STATE
Int.
SK
SI
MICROWIRE
Master
1
0
SO
Ext.
SK
SI
MICROWIRE
Slave
0
0
TRI-STATE
Ext.
SK
SI
MICROWIRE
Slave
Timer/Counter
The device has a powerful 16-bit timer with an associated
16-bit register enabling it to perform extensive timer func-
tions. The timer T1 and its register R1 are each organized as
two 8-bit read/write registers. Control bits in the register CN-
TRL allow the timer to be started and stopped under soft-
ware control. The timer-register pair can be operated in one
of three possible modes.
Table 6 details various timer oper-
ating modes and their requisite control settings.
MODE 1. TIMER WITH AUTO-LOAD REGISTER
In this mode of operation, the timer T1 counts down at the in-
struction cycle rate. Upon underflow the value in the register
R1 gets automatically reloaded into the timer which contin-
ues to count down. The timer underflow can be programmed
to interrupt the microcontroller. A bit in the control register
CNTRL enables the TIO (G3) pin to toggle upon timer under-
flows. This allows the generation of square-wave outputs or
pulse width modulated outputs under software control
(
Figure 8).
MODE 2. EXTERNAL COUNTER
In this mode, the timer T1 becomes a 16-bit external event
counter. The counter counts down upon an edge on the TIO
pin. Control bits in the register CNTRL program the counter
to decrement either on a positive edge or on a negative
edge. Upon underflow the contents of the register R1 are au-
tomatically copied into the counter. The underflow can also
be programmed to generate an interrupt (
Figure 9).
TABLE 6. Timer Operating Modes
CNTRL
Timer
Bits
Operation Mode
T Interrupt
Counts
765
On
0 0 0
External Counter w/Auto-Load Reg.
Timer Underflow
TIO Pos. Edge
0 0 1
External Counter w/Auto-Load Reg.
Timer Underflow
TIO Neg. Edge
0 1 0
Not Allowed
Not Allowed
Not Allowed
0 1 1
Not Allowed
Not Allowed
Not Allowed
1 0 0
Timer w/Auto-Load Reg.
Timer Underflow
t
c
1 0 1
Timer w/Auto-Load Reg./Toggle TIO Out
Timer Underflow
t
c
1 1 0
Timer w/Capture Register
TIO Pos. Edge
t
c
1 1 1
Timer w/Capture Register
TIO Neg. Edge
t
c
DS011208-24
FIGURE 8. Timer/Counter Auto
Reload Mode Block Diagram
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com