Electronic Components Datasheet Search
  English  ▼

X  

CT140 Datasheet(PDF) 2 Page - Coto Technology

Part # CT140
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT140 Datasheet(HTML) 2 Page - Coto Technology

  CT140 Datasheet HTML 1Page - Coto Technology CT140 Datasheet HTML 2Page - Coto Technology CT140 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
CT140/CS140 MAXIMUM RATINGS (Ambient Temperature: 25ºC)
Parameters
Symbol
Units
Value
INPUT SPECIFICATIONS
Continuous LED Current
IF
mA
50
Peak LED Current
IFP
mA
500
LED Reverse Voltage
VR
V
5
Input Power Dissipation
Pin
mW
75
OUTPUT SPECIFICATIONS
Load Voltage
VL
V (AC peak or DC)
1500
Load Current
(See connections on previous page)
IL
mA
A
45mA (AC or DC)
B
50mA (DC)
C
70mA (DC)
Peak Load Current
IPeak
mA
200
Output Power Dissipation
POut
mW
450
RELAY SPECIFICATIONS
Total Power Dissipation
PT
mW
500
I/O Breakdown Voltage
VI/O
Vrms
3750
Operating Temperature
TOpr
ºC
-40 ~ +85
Storage Temperature
TStg
ºC
-40 ~ +100
CT140/CS140 ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25ºC)
Parameters
Symbol
Test Conditions
Units
Min
Typ
Max
INPUT
LED Forward Voltage
VF
IF=10mA
V
1.0
1.17
1.5
Operation LED Current
IF On
mA
0.9
5.0
Recovery LED Voltage
VF Off
V
0.5
1.0
OUTPUT
On-Resistance
Drain to Drain
ROn
IF=10mA, IL=Rating
IF=10mA, IL<5mA
Ω
110
180
200
300
Off-State Leakage Current
ILeak
IF=0mA, VL=1500V
μA
10
Output Capacitance
COut
VL=0V, f=1MHz
pF
83
TRANSMISSION
Turn-On Time
TOn
IF=10mA, IL=Rating
ms
0.3
1.0
Turn-Off Time
TOff
ms
0.04
0.5
COUPLED
I/O Insulation Resistance
RI/O
Ω
1010
I/O Capacitance
CI/O
f=1MHz
pF
1.3
Environmental Ratings:
Operating Temp: -40°C to +85°C; Storage Temp: –40 to +100°C.
11032015



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com