Electronic Components Datasheet Search
  English  ▼

X  

CT140 Datasheet(PDF) 1 Page - Coto Technology

Part # CT140
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT140 Datasheet(HTML) 1 Page - Coto Technology

  CT140 Datasheet HTML 1Page - Coto Technology CT140 Datasheet HTML 2Page - Coto Technology CT140 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS® CT140/CS140
The CT140 and CS140 combine Coto quality and economy in an industry standard
6 pin DIP package. Both the CT140 and the CS140 offer high voltage switching and
high load current. The CT140 utilizes a thru hole lead configuration, while the CS140
offers a surface mount option when the application requires it. Both relays are ideally
suited to the needs of Test and Measurement, Solar, and Battery Management.
CT140/CS140 Features
u
Contact Form: 1A
u
Load Voltage: 1500V Maximum
u
Operation LED Current: 5.0mA Maximum
u
Load Current: 45mA Maximum
u
On-Resistance: 180Ω Typical
u
Low Off-State Leakage Current: 10μA Maximum
u
I/O Breakdown Voltage: 3750Vrms Minimum
u
Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum
CS140
CT140
CT140/CS140
TERMINAL IDENTIFICATION
6 54
1 23
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3: NC
4,6: Drain (MOS FET)
5: Source (MOS FET)
CONNECTIONS
0.047(1.2)
0.358(9.1)Max.
0.118(3.0)
IDENTIFIES PIN #1
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.470(1.2)
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.358(9.1)Max.
0.010(0.25)
IDENTIFIES PIN #1
11032015
IF
IF
IF
LOAD
VL(AC or DC)
VL(DC)
VL(DC)
VL(DC)
IF
Control bi-directional signal
On-Resistance is 1/2 of B-connection
On-Resistance is 1/2 of A-connection
LOAD
LOAD
LOAD
A
C
B


Similar Part No. - CT140

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT141003ALM AAC-CT141003ALM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT141003ALO AAC-CT141003ALO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT141003AMM AAC-CT141003AMM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT141003AMO AAC-CT141003AMO Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
CT141003ANM AAC-CT141003ANM Datasheet
700Kb / 3P
Thin Film Precision Chip Resistors
More results

Similar Description - CT140

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C226S COTO-C226S_15 Datasheet
862Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C230S COTO-C230S_14 Datasheet
656Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C234S COTO-C234S_14 Datasheet
786Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C247S COTO-C247S_14 Datasheet
649Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C574S COTO-C574S_14 Datasheet
657Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT135 COTO-CT135_14 Datasheet
631Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
C774S COTO-C774S_14 Datasheet
582Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT147 COTO-CT147_14 Datasheet
634Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT326 COTO-CT326_14 Datasheet
725Kb / 3P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
CT334 COTO-CT334_14 Datasheet
625Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com