Electronic Components Datasheet Search
  English  ▼

X  

FR2 Datasheet(PDF) 3 Page - Coto Technology

Part # FR2
Description  Proximity sensing, Smoke alarms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

FR2 Datasheet(HTML) 3 Page - Coto Technology

  FR2 Datasheet HTML 1Page - Coto Technology FR2 Datasheet HTML 2Page - Coto Technology FR2 Datasheet HTML 3Page - Coto Technology FR2 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FR2
DYAD®
Performance Data*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications,
please contact our application department.
Recommended Pad Sizes
Mechanical Dimensions
DIMENSIONS
mm
(inches)
DYAD®
Operate Shift After Lead Trimming
Overall Length in Inches
0.7
40
35
30
25
20
15
10
5
0
0.8
0.9
1
1.1
1.2
1.355
DYAD®
Dielectric Breakdown vs.
Operate Sensitivity
Average Operate (NI)
8-9
1200
1000
800
600
400
200
0
12-13
16-17
20-21
24-2526-32
Min.
Avg.
Max.
DYAD®
Capacitance Across Open Contacts
Capacitance (pF)
40
35
30
25
20
15
10
5
0
0.15
0.2
0.25
0.3
0.35
0.40
DYAD®
Contact Resistance Throughout Life
10V, 12mA Resistive Load
Operations (Millions)
0
60
50
40
30
20
10
0
10 20 30 40 50 60 70 80 90 100 110 120
DYAD®
Contact Resistance Throughout Life
50V, 100mA Resistive Load
Operations (Millions)
0.2
60
50
80
70
40
30
20
10
0
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
CM15 Series
Operate NI vs. Release NI
Test Coil: NARM 1; Full Length Terminals
Operate NI
10
30
25
20
15
10
5
0
12 14 16 18 20 22 24 26 28 30
Minimum
Maximum
DYAD®
34.54 MAX.
(1.360)
9.65 REF.
(0.380)
2.29 MAX.
(0.090)
1.65 MAX.
(0.065)
1.32 MAX.
(0.052)
15.24 MAX.
(0.600)
0.18
(0.007)
+ 7o
DYAD® SMT
2.03 MAX.
(0.080)
17.53
(0.690)
1.02
(0.040)
1.20 TYP.
(0.047)
0.25 MAX.
(R 0.010)
4 PLACES
19.56 MAX.
(0.770)
15.24 MAX.
(0.600)
2.29 MAX.
(0.900)
1.32 MAX.
(0.052)
1.22
(0.048)
MAX. TWIST ALLOWED
TYP. BOTH ENDS
+ 10o
+ 5o
DYAD® SMT
16.01 MAX.
(0.63)
2.79
(0.110)
2.54
(0.100)
DIMENSIONS
mm
(inches)
3
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
Dyad®
SRC DEVICES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com