Electronic Components Datasheet Search
  English  ▼

X  

FR2 Datasheet(PDF) 1 Page - Coto Technology

Part # FR2
Description  Proximity sensing, Smoke alarms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

FR2 Datasheet(HTML) 1 Page - Coto Technology

  FR2 Datasheet HTML 1Page - Coto Technology FR2 Datasheet HTML 2Page - Coto Technology FR2 Datasheet HTML 3Page - Coto Technology FR2 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRC Devices DYAD® dry reed switches are ideally suited
for small switching signal applications. This switch has
sputtered ruthenium contacts and an extraordinary seal
strength, achieved by a patented laser sealing of the glass.
In low level or dry switching environments, both switches
typically provide >1 billion operations. The switches have
hermetically sealed contacts and offer a wide range of
available magnetic sensitivities.
Features
Description
Small size
SMT-compatible
Easily formed leads
Sputtered ruthenium contacts
Hermetically sealed contacts
Fast switching speed — up to 500Hz
Wide range of available magnetic sensitivities
Applications
Approvals
Security
Proximity sensing
Smoke alarms
Automotive
Level sensor
Lamp current sensor
Relays
UL listed
Standard Test Coil
The magnetic force (expressed in NI, AT or Ampere Turns) required to cause the reed switch contacts to
close is called the pull-in or operate value.
Ordering Information
A complete part number is represented by the digits to the right. For example, FR2S1030 is a
DYAD® with a minimum operate value of 10 and a maximum of 30. Refer to the switch operating
specification charts for available ranges. Special ranges are available upon request.
Surface Mount Dyad
Refer to operating characteristics table for complete part number.
Maximum Operate Value (NI)
Minimum Operate Value (NI)
FR2 SXXXX
Dyad®
(1) Consult factory for test procedure.
The reed switch shall be placed in the test coil with the gap centered in the core of the coil winding.
Test leads and their clips must be non-magnetic.
The longitudinal axis of the test coil and the test switch shall be vertical.
FR2
Part #
Coil - 1
Coil definition
NARM1 CTC01
Coil resistance
1200
Number of turns
5,000
Wire size (nom. diameter)
0.0399mm (AWG 46)
Bobbin diameter (inside coil)
3.96mm
Winding length
10.4mm
DYAD®
Part #
Operate Range (NI)1
FR2S1015
10 to 15
FR2S1020
10 to 20
FR2S1030
10 to 30
FR2S1520
15 to 20
FR2S1525
15 to 25
FR2S2025
20 to 25
DYAD® Surface Mount
Part #
Operate Range (NI)1,2,3
FR2024
10 to 15
FR2259
10 to 20
FR2282
10 to 30
FR2025
15 to 20
FR2249
15 to 25
FR2026
20 to 25
1 Tolerance =
± 1.5NI
2 Full Blade Sensitivity
3 Surface Mount Switches are packaged 3,000 parts per reel
FR2
1
www.srcdevices.com
SRC DEVICES


Similar Part No. - FR2

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
FR2 CLARE-FR2 Datasheet
446Kb / 5P
Dyad
logo
First Components Intern...
FR20 FCI-FR20 Datasheet
156Kb / 2P
2.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Goodwork Semiconductor ...
FR20 GWSEMI-FR20 Datasheet
67Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
FR20-005 FRONTIER-FR20-005 Datasheet
125Kb / 2P
2.0A FAST RECOVERY PLASTIC RECTIFIER
FR20-005-LFR FRONTIER-FR20-005-LFR Datasheet
125Kb / 2P
2.0A FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - FR2

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
Photoelectronic Smoke detector with Electronic Heat Sensing
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
Long sensing distance proximity sensor
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
Optical Gesture & Proximity Sensing IC
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
Light-to-Digital Converter with Proximity Sensing
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
SparkFun Proximity Sensing Kit
9??0??1
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
Proximity sensing module
28-Feb-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com