Electronic Components Datasheet Search
  English  ▼

X  

1N6513 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # 1N6513
Description  ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N6513 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  1N6513 Datasheet HTML 1Page - Solid States Devices, Inc 1N6513 Datasheet HTML 2Page - Solid States Devices, Inc 1N6513 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0170C
DOC
ELECTRICAL CHARACTERISTICS
Part Number
VRWM
IO
IR1
VF1
C
Conditions
TA = +55°C
TA = 25°C
@ IO
VR = 50V
FO = 1 kHz
Units
VDC
ADC
µADC
V(pk)
pF
1N6512, SMS
1,500
1.5
1.0
3.5
25
1N6513, SMS
2,000
1.5
1.0
3.5
25
1N6514, SMS
2,500
1.0
1.0
6.0
20
1N6515, SMS
3,000
1.0
1.0
6.0
20
1N6516, SMS
4,000
0.75
1.0
8.0
16
1N6517, SMS
5,000
0.75
1.0
8.0
16
1N6518, SMS
7,500
0.5
1.0
13.0
8
1N6519, SMS
10,000
0.5
1.0
13.0
8
PACKAGE OUTLINE: Axial
DIMENSIONS
Part
Number
A
B
C
D
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1N6512
.155
.215
.25
.31
.037
.043
1.0
1.3
1N6513
.155
.215
.25
.31
.037
.043
1.0
1.3
1N6514
.155
.215
.27
.33
.037
.043
1.0
1.3
1N6515
.155
.215
.27
.33
.037
.043
1.0
1.3
1N6516
.155
.215
.29
.35
.037
.043
1.0
1.3
1N6517
.155
.215
.29
.35
.037
.043
1.0
1.3
1N6518
.155
.215
.34
.40
.037
.043
1.0
1.3
1N6519
.155
.215
.34
.40
.037
.043
1.0
1.3
PACKAGE OUTLINE:
Surface Mount Square Tab
C
B
A
A
D
DIMENSIONS
Part
Number
A
B
C
D
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1N6512SMS
.170
.180
.225
.245
.026
.036
1.0
1.3
1N6513SMS
.170
.180
.225
.245
.026
.036
1.0
1.3
1N6514SMS
.170
.180
.245
.265
.026
.036
1.0
1.3
1N6515SMS
.170
.180
.245
.265
.026
.036
1.0
1.3
1N6516SMS
.170
.180
.265
.285
.026
.036
1.0
1.3
1N6517SMS
.170
.180
.265
.285
.026
.036
1.0
1.3
1N6518SMS
.170
.180
.325
.345
.026
.036
1.0
1.3
1N6519SMS
.170
.180
.325
.345
.026
.036
1.0
1.3
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
1N6512 – 1N6519
Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com