Electronic Components Datasheet Search
  English  ▼

X  

1N6513 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 1N6513
Description  ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

1N6513 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  1N6513 Datasheet HTML 1Page - Solid States Devices, Inc 1N6513 Datasheet HTML 2Page - Solid States Devices, Inc 1N6513 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0170C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
1N651
__ __ __
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening
2/
__ = None
TX = TX Level
TXV = TXV Level
S = S Level
└ Package
__ = Axial
SMS = Surface Mount Square Tab
└ Voltage
2 = 1,500 V
3 = 2,000 V
4 = 2,500 V
5 = 3,000 V
6 = 4,000 V
7 = 5,000 V
8 = 7,500 V
9 = 10,000 V
1N6512 – 1N6519
Series
0.5 – 1.5 AMP
1,500 V – 10,000 V
ULTRA FAST RECOVERY
HIGH VOLTAGE RECTIFIER
FEATURES:
Fast recovery: 70 nsec maximum
PIV to 10 KV
Hermetically sealed axial and surface mount package
Void-free ceramic frit glass construction
High temperature Category I eutectic metallurgical bond
Excellent thermal shock performance
For use in high voltage systems
175°C maximum operating temperature
TX, TXV, and Space level screening available2/
MAXIMUM RATINGS
3/
Part
Number
VRWM
IFSM
IO
tRR
RƟJL1
RƟJL2
RƟJEC
Conditions
tp = 8.3 ms
4/
5/
25°C
L = .25ʺ
(6.35 mm) (Air)
L = .25ʺ
(6.35 mm) (Oil Bath)
6/
7/
Units
VDC
A (pk)
ADC
ADC
ns
°C/W
°C/W
°C/W
1N6512, SMS
1,500
100
1.5
1.0
70
16
12
4
1N6513, SMS
2,000
100
1.5
1.0
70
16
12
4
1N6514, SMS
2,500
60
1.0
0.65
70
16
12
4
1N6515, SMS
3,000
60
1.0
0.65
70
16
12
4
1N6516, SMS
4,000
40
0.75
0.5
70
16
12
5
1N6517, SMS
5,000
40
0.75
0.5
70
16
12
5
1N6518, SMS
7,500
25
0.5
0.35
70
16
12
5
1N6519, SMS
10,000
25
0.5
0.35
70
16
12
5
MAXIMUM RATINGS
3/
Symbol
Value
Unit
Storage Temperature
TSTG
-65 to +200
°C
Operating Temperature
TJ
-65 to +175
°C
Notes:
1/ For ordering information, price, and availability – Contact factory.
2/ Screening based on MIL-PRF-19500/575.Screening flows available on request.
3/ Unless otherwise specified, TA = 25°C.
4/ Derate linearly for air (+55°C ≤ TA ≤ +100°C. IO at TA = +55°C to IO at TA = +100°C), for oil bath
(+80°C ≤ TL ≤ +100°C. IO at TL = +80°C to IO at TA = +100°C), and for end cap (+100°C ≤ TA ≤
+125°C. IO at TEC = +100°C to IO at TEC = +125°C).
5/ Derate linearly for air (+100°C ≤ TA ≤ +175°C. IO at TA = +100°C to IO = 0A at TA = +175°C), for
oil bath (+100°C ≤ TL ≤ +175°C. IO at TL = +100°C to IO = 0A at TA = +175°C), and for end cap
(+125°C ≤ TA ≤ +175°C. IO at TEC = +125°C to IO = 0A at TA = +175°C).
6/ Oil or fluorocarbon fluid with leads heat sunk at specified L.
7/ RƟJEC is junction to end-cap thermal impedance with “SMS” suffix identification, i.e.,
1N6512SMS.
Axial
Surface
Mount
Square Tab


Similar Part No. - 1N6513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N6513 ETC-1N6513 Datasheet
99Kb / 2P
2,000 V - 5,000 V Rectifiers
1N6513 ETC-1N6513 Datasheet
95Kb / 2P
2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
logo
Voltage Multipliers Inc...
1N6513 VMI-1N6513 Datasheet
48Kb / 1P
Spice Model
logo
New Jersey Semi-Conduct...
1N6513 NJSEMI-1N6513 Datasheet
236Kb / 1P
70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Digitron Semiconductors
1N6513 DIGITRON-1N6513 Datasheet
143Kb / 2P
0.5A-2.0A RECTIFIERS
More results

Similar Description - 1N6513

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD101UF SSDI-SDAD101UF_1 Datasheet
73Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_2 Datasheet
72Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0166A SSDI-RC0166A Datasheet
97Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A Datasheet
158Kb / 3P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0059F SSDI-RC0059F_15 Datasheet
82Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0166A SSDI-RC0166A_15 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A_15 Datasheet
158Kb / 3P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
JANS1N6512 SSDI-JANS1N6512 Datasheet
136Kb / 2P
ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HVR5510U12 GETEDZ-HVR5510U12_17 Datasheet
522Kb / 2P
Ultra Fast Recovery High Voltage Rectifier Subassembly
HVR5510U15 GETEDZ-HVR5510U15_17 Datasheet
523Kb / 2P
Ultra Fast Recovery High Voltage Rectifier Subassembly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com