Electronic Components Datasheet Search
  English  ▼

X  

FN7173 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FN7173
Description  Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN7173 Datasheet(HTML) 1 Page - Intersil Corporation

  FN7173 Datasheet HTML 1Page - Intersil Corporation FN7173 Datasheet HTML 2Page - Intersil Corporation FN7173 Datasheet HTML 3Page - Intersil Corporation FN7173 Datasheet HTML 4Page - Intersil Corporation FN7173 Datasheet HTML 5Page - Intersil Corporation FN7173 Datasheet HTML 6Page - Intersil Corporation FN7173 Datasheet HTML 7Page - Intersil Corporation FN7173 Datasheet HTML 8Page - Intersil Corporation FN7173 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7173.1
EL4583
Sync Separator, 50% Slice, S-H, Filter,
HOUT
The EL4583 extracts timing from video sync in NTSC, PAL,
and SECAM systems, and non standard formats, or from
computer graphics operating at higher scan rates. Timing
adjustment is via an external resistor. Input without valid
vertical interval (no serration pulses) produces a default
vertical output.
Outputs are: composite sync, vertical sync, filter, burst/back
porch, horizontal, no signal detect, level, and odd/even
output (in interlaced scan formats only).
The EL4583 sync slice level is set to the mid-point between
sync tip and the blanking level. This 50% point is determined
by two internal sample and hold circuits that track sync tip
and back porch levels. It provides hum and noise rejection
and compensates for input levels of 0.5V to 2.0VP-P.
A built in filter attenuates the chroma signal to prevent color
burst from disturbing the 50% sync slice. Cut off frequency is
set by a resistor to ground from the Filter Cut Off pin.
Additionally, the filter can be by-passed and video signal fed
directly to the Video Input.
The level output pin provides a signal with twice the sync
amplitude which may be used to control an external AGC
function. A TTL/CMOS compatible No Signal Detect Output
flags a loss or reduction in input signal level. A resistor sets
the Set Detect Level.
The EL4583 is manufactured using Elantec’s high
performance analog CMOS process.
Pinout
Features
• NTSC, PAL, and SECAM sync separation
• Single supply, +5V operation
• Precision 50% slicing
• Built-in programmable color burst filter
• Decodes non-standard vertical
• Horizontal sync output
• Sync. pulse amplitude output
• Same socket can be used for 8-pin EL4581
• Low-power CMOS
• Detects loss of signal
• Resistor programmable scan rate
• Few external components
• Available in 16-pin PDIP and 16-pin SO (0.150”) packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video special effects
• Video test equipment
• Video distribution
•Multimedia
• Displays
•Imaging
• Video data capture
• Video triggers
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
FILTER CUT OFF
SET DETECT LEVEL
COMPOSITE SYNC OUT
FILTER INPUT
VERTICAL SYNC OUT
DIGITAL GND
FILTER OUTPUT
COMPOSITE VIDEO INPUT
ANALOG GND
HORIZONTAL SYNC OUT
VDD
ODD/EVEN OUTPUT
RSET*
BURST/BACK PORCH OUTPUT
NO SIGNAL DETECT OUTPUT
LEVEL OUTPUT
EL4583
(16-PIN SO, PDIP)
TOP VIEW
*Note: RSET must be a 1% register
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL4583CN
16-Pin PDIP
-
MDP0031
EL4583CS
16-Pin SO (0.150”)
-
MDP0027
EL4583CS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL4583CS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL4583CSZ (Note) 16-Pin SO (0.150”) (Pb-free)
-
MDP0027
EL4583CSZ-T7
(Note)
16-Pin SO (0.150”) (Pb-free)
7”
MDP0027
EL4583CSZ-T13
(Note)
16-Pin SO (0.150”) (Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
June 27, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - FN7173

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN700Z-10-06 SCHAFFNER-FN700Z-10-06 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
FN700Z-20-03 SCHAFFNER-FN700Z-20-03 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
FN700Z-6-06 SCHAFFNER-FN700Z-6-06 Datasheet
211Kb / 3P
Three-stage EMC/EMI Filter
logo
EUROQUARTZ limited
FN7350 EUROQUARTZ-FN7350 Datasheet
56Kb / 1P
High Frequency Crystal Filter - Narrow Band
logo
Renesas Technology Corp
FN7368 RENESAS-FN7368 Datasheet
131Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results

Similar Description - FN7173

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com