Electronic Components Datasheet Search
  English  ▼

X  

FN7173 Datasheet(PDF) 2 Page - Intersil Corporation

Part # FN7173
Description  Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN7173 Datasheet(HTML) 2 Page - Intersil Corporation

  FN7173 Datasheet HTML 1Page - Intersil Corporation FN7173 Datasheet HTML 2Page - Intersil Corporation FN7173 Datasheet HTML 3Page - Intersil Corporation FN7173 Datasheet HTML 4Page - Intersil Corporation FN7173 Datasheet HTML 5Page - Intersil Corporation FN7173 Datasheet HTML 6Page - Intersil Corporation FN7173 Datasheet HTML 7Page - Intersil Corporation FN7173 Datasheet HTML 8Page - Intersil Corporation FN7173 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NOTES:
1. No video signal, outputs unloaded
2. At loss of signal (pin 10 high) the pull down current source switches to a value of 10µA
3. Tested for VDD 5V ±5%
4. Current sourced from pin 2 is VREF/RSET
NOTES:
1. Width is a function of RSET
2. c/s, Vertical, Back porch and H are all active low, VOH = 0.8V; vertical is 3H lines wide of NTSC signal
3. Attenuation is a function of RF. See filter typical characteristics
4. Vertical pulse width in absence of serrations on input signal
Absolute Maximum Ratings (TA = 25°C)
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Storage Temperature. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VDD = 5V, TA = 25°C, RSET = 681kΩ, RF = 22kΩ, RLV = 82kΩ
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IDD
VDD = 5V (Note 1)
2.5
4
mA
Clamp Voltage
Pins 4, 8, unloaded
1.3
1.55
1.8
V
Discharge Current
Pins 4, 8, with Signal (VIN = 2V)
3
6
12
µA
Discharge Current
Pins 4, 8, no Signal (Note 2)
10
µA
Clamp Charge Current
Pins 4, 8, VIN = 1V
234
mA
Ref. Voltage VREF
Pin 12, VDD = 5V (Note 3)
1.5
1.75
2
V
Filter Reference Voltage, VRF
Pin 1
0.35
0.5
0.65
V
Level Reference Current
Pin 2 (Note 4)
1.5
2.5
3.5
µA
VOL Output Low Voltage
IOL = 1.6mA
350
800
mV
VOH Output High Voltage
IOH = -40µA
4
V
IOH = -1.6mA
2.4
4
V
Dynamic Specifications
RF = 22kΩ, RSET = 681kΩ, VDD = 5V, Video Input = 1VP-P, TA = 25°C, CL = 15pF, IOH = -1.6mA,
IOL =1.6mA
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Horizontal Pulse Width, Pin 15, tH
(Note 1)
3.8
5
6.2
µs
Vertical Sync Width, Pin 5, tVS
(Note 2)
195
µs
Burst/Back Porch Width, Pin 11, tB
(Note 1)
2.7
3.7
4.7
µs
Filter Attenuation
FIN = 3.6MHz (Note 3)
12
dB
Comp. Sync Prop. Delay, tCS
VIN (Pin 4)—Comp Sync
250
400
ns
Input Dynamic Range
p-p NTSC Signal
0.4
2
V
Slice Level
Input Voltage = 1VP-P
40
50
60
%
VSLICE/VBLANK
40
50
60
Level Out, Pin 9
Input Voltage = 1VP-P, Pin 4
500
600
700
mV
Vertical Sync Default Time, tVSD
(Note 4)
27
36
57
µs
Loss of Signal Time-Out
Pin 10
400
600
800
µs
Burst/Back Porch Delay, tBD
(See Figure 4)
250
400
ns
EL4583



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com